Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALC5610-GR Datasheet(PDF) 28 Page - Realtek Semiconductor Corp.

Part # ALC5610-GR
Description  AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC5610-GR Datasheet(HTML) 28 Page - Realtek Semiconductor Corp.

Back Button ALC5610-GR Datasheet HTML 24Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 25Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 26Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 27Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 28Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 29Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 30Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 31Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 32Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 93 page
background image
ALC5610
Datasheet
AC’97 Audio Codec + Touch Panel Controller + Voice
PCM Interface
19
Track ID: JATR-1076-21
Rev. 1.4
7.5. Audio Data Path
7.5.1.
Stereo ADC and Voice ADC
The stereo ADC is used for recording stereo sound or, by setting voice_adc_enable, can be configured to
MONO PCM ADC (Left channel of stereo ADC) + voice ADC (Right channel of stereo ADC) when
using bluetooth and recording at the same time.
• When voice_adc_enabl=0, the sample rate of the stereo ADC can be configured via setting Reg32.
• When voice_adc_enabl=1, the sample rate of the voice ADC is set by Reg66, and the sample rate of
the MONO PCM ADC is set by Reg32.
The sample rate of the stereo ADC is independent of the stereo DAC sample rate.
In order to save power, the left and right ADC can be powered down separately by setting Reg3C [6], [7].
PR0=1 will disable both channels of the ADC.
The volume control of the stereo ADC is set via Reg12[11:7][4:0].
7.5.2.
Stereo DAC
The sample rate of the stereo DAC is controlled by Reg2C.
Reg0C[12:8][4:0] can be used to control the volume of DAC output.
7.5.3.
Voice to Stereo Digital Path
The ALC5610 supports a voice to digital stereo path for voice command through Bluetooth by setting
Reg42[15]=1. The Voice data will be transferred from the voice I2S/PCM to the AC’97 directly. This
function is only supported when the Voice and Stereo I2S/PCM are in Master Mode. The driver should set
the same sample rate between the Voice DAC and the stereo ADC.
When a voice to stereo digital path is enabled, the signal from Voice_I2S/PCM is direct output to Left
(slot 3) and is duplicated to Right (slot 4) of the AC’97 interface.
The Voice to Stereo Digital Path and Voice ADC functions can exist at the same time.


Similar Part No. - ALC5610-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 91P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610-GRT REALTEK-ALC5610-GRT Datasheet
1Mb / 89P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
More results

Similar Description - ALC5610-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610 REALTEK-ALC5610 Datasheet
1Mb / 91P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611_09 Datasheet
1Mb / 77P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 73P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611 Datasheet
1Mb / 79P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
logo
Intersil Corporation
HMP9701A INTERSIL-HMP9701A Datasheet
172Kb / 20P
   AC??7 Audio Codec
logo
List of Unclassifed Man...
ALC202 ETC-ALC202 Datasheet
598Kb / 29P
   AC??7 Audio CODEC
logo
Cirrus Logic
WM9714L CIRRUS-WM9714L Datasheet
2Mb / 120P
   AC??7 Audio Codec
Rev 4.0 DEC 2016
logo
Intersil Corporation
HMP9701 INTERSIL-HMP9701 Datasheet
174Kb / 20P
   AC??7 Audio Codec
logo
Wolfson Microelectronic...
WM9705 WOLFSON-WM9705_06 Datasheet
511Kb / 55P
   Multimedia AC??7 CODEC with Integrated Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com