Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALC5610-GR Datasheet(PDF) 20 Page - Realtek Semiconductor Corp.

Part # ALC5610-GR
Description  AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC5610-GR Datasheet(HTML) 20 Page - Realtek Semiconductor Corp.

Back Button ALC5610-GR Datasheet HTML 16Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 17Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 18Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 19Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 20Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 21Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 22Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 23Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 24Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 93 page
background image
ALC5610
Datasheet
AC’97 Audio Codec + Touch Panel Controller + Voice
PCM Interface
11
Track ID: JATR-1076-21
Rev. 1.4
7.3. Clocking
The Stereo_SYSCLK can be selected from MCLK or PLL. This means MCLK is always provided
externally, and the driver should arrange the clock of each block and setup each divider.
The voice codec clock can be selected from MCLK (Master mode), PLL (Master mode), EXTCLK (Slave
mode) or VBCLK (Slave mode). The driver should arrange the clock of each block and setup each
divider.
In master mode of voice I2S/PCM, EXTCLK can be output by setting Extclk_dir=1. The output frequency
will be determined by MCLK and the setting of Extclk_out_sel.
7.3.1.
Phase-Locked Loop
A Phase-Locked Loop (PLL) is used to provide a flexible input clock from 2.048MHz to 40MHz. Typical
choices are 2.048MHz, 4.096MHz, and 13MHz. The source of the PLL can be set to MCLK or MCLK/2
by setting PLL_pre_div.
The ALC5610 SYSCLK frequency is 24.576MHz. If the system cannot provide 24.576MHz to the
ALC5610, the PLL of the ALC5610 can be used to generate a frequency near 24.576MHz. As the PLL
parameter is configured through the AC link, the input clock to the MCLK pin must be between
2.048MHz and 80MHz. After the AC link is connected, the driver must configure the PLL in order to
output a frequency close to the SYSCLK (24.576MHz). The accuracy of audio output frequency will
depend on the accuracy of PLL output.
The PLL transmit formula is:
FOUT = (MCLK * (N+2)) / ((M+2) * (K+2)) {Typical K=2}
Table 8.
AC-Link Clock Setting Table (Unit: MHz)
MCLK
N
M
FVCO
K
FOUT
13
66
7
98.222
2
24.555
3.6864
78
1
98.304
2
24.576
2.048
94
0
98.304
2
24.576
4.096
70
1
98.304
2
24.576
After a Cold Reset, PLL related Registers are reset to default values, however, they are not reset to
default values after a soft-reset (write Reg00). Firmware should not power down the PLL when the PLL
output is used as Stereo_SYSCLK.
Note: The ALC5610 will only be enabled after an AC-Link Warm Reset.


Similar Part No. - ALC5610-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 91P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610-GRT REALTEK-ALC5610-GRT Datasheet
1Mb / 89P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
More results

Similar Description - ALC5610-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610 REALTEK-ALC5610 Datasheet
1Mb / 91P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611_09 Datasheet
1Mb / 77P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 73P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611 Datasheet
1Mb / 79P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
logo
Intersil Corporation
HMP9701A INTERSIL-HMP9701A Datasheet
172Kb / 20P
   AC??7 Audio Codec
logo
List of Unclassifed Man...
ALC202 ETC-ALC202 Datasheet
598Kb / 29P
   AC??7 Audio CODEC
logo
Cirrus Logic
WM9714L CIRRUS-WM9714L Datasheet
2Mb / 120P
   AC??7 Audio Codec
Rev 4.0 DEC 2016
logo
Intersil Corporation
HMP9701 INTERSIL-HMP9701 Datasheet
174Kb / 20P
   AC??7 Audio Codec
logo
Wolfson Microelectronic...
WM9705 WOLFSON-WM9705_06 Datasheet
511Kb / 55P
   Multimedia AC??7 CODEC with Integrated Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com