Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALC5610-GR Datasheet(PDF) 19 Page - Realtek Semiconductor Corp.

Part # ALC5610-GR
Description  AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC5610-GR Datasheet(HTML) 19 Page - Realtek Semiconductor Corp.

Back Button ALC5610-GR Datasheet HTML 15Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 16Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 17Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 18Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 19Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 20Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 21Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 22Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 23Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 93 page
background image
ALC5610
Datasheet
AC’97 Audio Codec + Touch Panel Controller + Voice
PCM Interface
10
Track ID: JATR-1076-21
Rev. 1.4
7. Functional Description
7.1. Power
The ALC5610 has many power blocks. SPKVDD operates between 2.3V and 5V. HPVDD, TPVDD and
AVDD1 operate between 2.3V and 3.6V. DVDD1 and DVDD2 operate between 1.8V and 3.6V. The
power supply limit conditions are DVDD1≥DVDD2, SPKVDD≥AVDD1, HPVDD≥AVDD1≥DVDD2,
TPVDD≥DVDD2, and AVDD1=TPVDD.
Table 5.
Power Setting for Best Performance
Power
DVDD1
DVDD2
HPVDD
TPVDD
AVDD1
SPKVDD
Setting
3.3V
1.8V
3.3V
3.3V
3.3V
4.2V
7.2. Reset
There are 4 types of reset operation: Power-On Reset (POR), Cold, Warm, and Register reset.
Table 6.
Reset Operation
Reset Type
Trigger Condition
CODEC Response
POR
Power-On Reset. Monitor digital power
supply voltage reaches VPOR
Resets all hardware logic and all registers to default values.
Cold Reset
Asserts RESET# for a specified period
Resets all hardware logic and all registers to default values
except some PLL related control registers and logic.
Register Reset
Write Reg-00h
Resets all registers to default values except some PLL
related control registers and logic.
Warm Reset
Drives SYNC high for specified period
without BIT_CLK
Reactivates AC-Link. No change to register values.
7.2.1.
Power-On Reset (POR)
When powered on, DVDD2 passes through the VPOR band of the ALC5610 (VPOR_ON ~VPOR_OFF). A
Power-On Reset (POR) will generate an internal reset signal (POR reset ‘LOW’) to reset the whole chip.
Table 7.
Power-On Reset Voltage
Symbol
Min
Typical
Max
Unit
VPOR_ON
1.0
-
1.6
V
VPOR_OFF
-
1.3
-
V
Note: VPOR_OFF must be below VPOR_ON.


Similar Part No. - ALC5610-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 91P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610-GRT REALTEK-ALC5610-GRT Datasheet
1Mb / 89P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
More results

Similar Description - ALC5610-GR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMP9701 INTERSIL-HMP9701 Datasheet
174Kb / 20P
AC??7 Audio Codec
HMP9701A INTERSIL-HMP9701A Datasheet
172Kb / 20P
AC??7 Audio Codec
logo
List of Unclassifed Man...
ALC202 ETC-ALC202 Datasheet
598Kb / 29P
AC??7 Audio CODEC
logo
Wolfson Microelectronic...
WM9705 WOLFSON-WM9705_06 Datasheet
511Kb / 55P
Multimedia AC??7 CODEC with Integrated Touch Screen Controller
logo
Cirrus Logic
WM9714L CIRRUS-WM9714L Datasheet
2Mb / 120P
AC??7 Audio Codec
Rev 4.0 DEC 2016
logo
Realtek Semiconductor C...
ALC5610 REALTEK-ALC5610 Datasheet
1Mb / 91P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611 Datasheet
1Mb / 79P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611_09 Datasheet
1Mb / 77P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 73P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com