Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALC5610-GR Datasheet(PDF) 11 Page - Realtek Semiconductor Corp.

Part # ALC5610-GR
Description  AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC5610-GR Datasheet(HTML) 11 Page - Realtek Semiconductor Corp.

Back Button ALC5610-GR Datasheet HTML 7Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 8Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 9Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 10Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 11Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 12Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 13Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 14Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 15Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 93 page
background image
ALC5610
Datasheet
AC’97 Audio Codec + Touch Panel Controller + Voice
PCM Interface
2
Track ID: JATR-1076-21
Rev. 1.4
2. Features
Single-chip AC’97 Rev 2.2 compatible codec
16-bit stereo DAC SNR 90dB, THD+N -85dB
16-bit stereo ADC SNR 85dB, THD+N -80dB
Supports PCM/I2S input and output interface
Supports all WinCE variable rates (8kHz, 11.025kHz, 16kHz, 22.05kHz, 24kHz, 32kHz, 44.1kHz,
48kHz)
One analog stereo input (LINE-IN)
One analog MONO single-ended or differential input (PHONE and PHONEN input)
Stereo, single-ended MONO, or differential analog microphone inputs, with boost pre-amplifiers
(+20/+30/+40dB)
BTL (Bridge-Tied Load) Max. output with on-chip 1.7W speaker driver (SPKVDD=5V, 8
Ω load,
10% THD+N)
Stereo headphone output with on-chip 45mW headphone driver (HPVDD=3.3V, 16
Ω load)
25mW SE or 75mW BTL MONO output support (AVDD=3.3V, 32
Ω load)
Microphone switch detection
Integrated 16-bit I2S/PCM interface voice DAC for blue-tooth and other external devices
Power management and enhanced power saving
Supports digital 5-band equalizer (EQ)
Supports digital spatial sound and pseudo stereo effect
Supports pop noise suppression
Internal PLL can receive wide range of clock input (Digital IO power > 1.8V)
Digital power supplies from 1.8V to 3.6V, speaker amplifier power supplies from 2.3V to 5V
Analog power, headphone power, and touch panel power supplies from 2.3V to 3.6V


Similar Part No. - ALC5610-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 91P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610-GRT REALTEK-ALC5610-GRT Datasheet
1Mb / 89P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
More results

Similar Description - ALC5610-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610 REALTEK-ALC5610 Datasheet
1Mb / 91P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611_09 Datasheet
1Mb / 77P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 73P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611 Datasheet
1Mb / 79P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
logo
Intersil Corporation
HMP9701A INTERSIL-HMP9701A Datasheet
172Kb / 20P
AC??7 Audio Codec
logo
List of Unclassifed Man...
ALC202 ETC-ALC202 Datasheet
598Kb / 29P
AC??7 Audio CODEC
logo
Cirrus Logic
WM9714L CIRRUS-WM9714L Datasheet
2Mb / 120P
AC??7 Audio Codec
Rev 4.0 DEC 2016
logo
Intersil Corporation
HMP9701 INTERSIL-HMP9701 Datasheet
174Kb / 20P
AC??7 Audio Codec
logo
Wolfson Microelectronic...
WM9705 WOLFSON-WM9705_06 Datasheet
511Kb / 55P
Multimedia AC??7 CODEC with Integrated Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com