Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALC5610-GR Datasheet(PDF) 79 Page - Realtek Semiconductor Corp.

Part # ALC5610-GR
Description  AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC5610-GR Datasheet(HTML) 79 Page - Realtek Semiconductor Corp.

Back Button ALC5610-GR Datasheet HTML 75Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 76Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 77Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 78Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 79Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 80Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 81Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 82Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 83Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 93 page
background image
ALC5610
Datasheet
AC’97 Audio Codec + Touch Panel Controller + Voice
PCM Interface
70
Track ID: JATR-1076-21
Rev. 1.4
Parameter
Min
Typ
Max
Units
MONO_OUT Amplifier Quiescent Current (32
Ω Load)/CH
-
700
-
µA
MONO_OUT Amplifier Efficiency (fIN=1kHz, 32Ω Load)
Single-Ended Mode (Output Power=25mW)
BTL Mode (Output Power=75mW)
50
50
-
-
-
-
%
%
MONO_OUT Amplifier THD+N
Single-Ended Mode (10K
Ω Load)
Output Power=0.1mW
BTL Mode (10K
Ω Load)
Output Power=0.1mW
-
-
0.01
0.01
-
-
%
%
MONO_OUT Amplifier PSRR
-
60
-
dB
Headphone Amplifier Output Power (32
Ω Load)
-
-
31.25
mW
Headphone Amplifier Quiescent Current (32
Ω Load)
-
700
-
µA
Headphone Amplifier Efficiency
(fIN=1kHz, 32Ω Load, Output Power=25mW)
50
-
-
%
Headphone Amplifier THD+N (32
Ω Load)
Output Power=20mW
Output Power=25mW
-
-
-70
-70
-
-
dB
dB
Headphone Amplifier PSRR
-
68
-
dB
Class-D BTL Speaker Amplifier Output Power
(SPKVDD=5V with 8
Ω Load, 1% THD+N)
(SPKVDD=5V with 8
Ω Load, 10% THD+N)
(SPKVDD=5V with 4
Ω Load, 1% THD+N)
(SPKVDD=5V with 4
Ω Load, 10% THD+N)
-
-
-
-
1
1.2
1.4
1.7
-
-
-
-
W
W
W
W
Class-D BTL Speaker Amplifier Output Power
(SPKVDD=4.2V with 8
Ω Load, 1% THD+N)
(SPKVDD=4.2V with 8
Ω Load, 10% THD+N)
(SPKVDD=4.2V with 4
Ω Load, 1% THD+N)
(SPKVDD=4.2V with 4
Ω Load, 10% THD+N)
-
-
-
-
0.7
0.9
1
1.2
-
-
-
-
W
W
W
W
BTL Speaker Amplifier Quiescent Current
(8
Ω Load, SPKVDD=3.7V)
Class-AB_Strong
Class-D
-
-
7
4
-
-
mA
mA
BTL Speaker Amplifier Efficiency
(fIN=1kHz, 8Ω Load, Output Power=700mW)
Class-AB
Class-D
50
-
-
82
-
-
%
%
BTL Speaker Amplifier THD + N (8
Ω Load, SPKVDD=5V)
Class-AB_Strong
Output Power=350mW
Output Power=600mW
Class-D
Output Power=350mW
Output Power=600mW
-
-
-
-
-70
-70
-70
-60
-
-
-
-
dB
dB
dB
dB


Similar Part No. - ALC5610-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 91P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610-GRT REALTEK-ALC5610-GRT Datasheet
1Mb / 89P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
More results

Similar Description - ALC5610-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610 REALTEK-ALC5610 Datasheet
1Mb / 91P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611_09 Datasheet
1Mb / 77P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 73P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611 Datasheet
1Mb / 79P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
logo
Intersil Corporation
HMP9701A INTERSIL-HMP9701A Datasheet
172Kb / 20P
AC??7 Audio Codec
logo
List of Unclassifed Man...
ALC202 ETC-ALC202 Datasheet
598Kb / 29P
AC??7 Audio CODEC
logo
Cirrus Logic
WM9714L CIRRUS-WM9714L Datasheet
2Mb / 120P
AC??7 Audio Codec
Rev 4.0 DEC 2016
logo
Intersil Corporation
HMP9701 INTERSIL-HMP9701 Datasheet
174Kb / 20P
AC??7 Audio Codec
logo
Wolfson Microelectronic...
WM9705 WOLFSON-WM9705_06 Datasheet
511Kb / 55P
Multimedia AC??7 CODEC with Integrated Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com