Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALC5610-GR Datasheet(PDF) 73 Page - Realtek Semiconductor Corp.

Part # ALC5610-GR
Description  AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC5610-GR Datasheet(HTML) 73 Page - Realtek Semiconductor Corp.

Back Button ALC5610-GR Datasheet HTML 69Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 70Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 71Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 72Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 73Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 74Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 75Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 76Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 77Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 93 page
background image
ALC5610
Datasheet
AC’97 Audio Codec + Touch Panel Controller + Voice
PCM Interface
64
Track ID: JATR-1076-21
Rev. 1.4
8.63. Index-4Ah: Class-D Temperature Sensor
Default: 4444h
Table 78. Index-4Ah: Class-D Temperature Sensor
Bit
Type
Function
15
RW
Reserved
14:12
RW
RP Channel Temp. Sensor Threshold Setting
001: 35
°C
011: 65
°C
101: 95
°C
111: 125
°C
11
RW
Reserved
10:8
RW
RN Channel Temp. Sensor Threshold Setting
001: 35
°C
011: 65
°C
101: 95
°C
111: 125
°C
7
RW
Reserved
6:4
RW
LP Channel Temp. Sensor Threshold Setting
001: 35
°C
011: 65
°C
101: 95
°C
111: 125
°C
3
RW
Reserved
2:0
RW
LN Channel Temp. Sensor Threshold Setting
001: 35
°C
011: 65
°C
101: 95
°C
111: 125
°C
Note: Tolerance: ± 15
°C.
8.64. Index-54h: AD_DA_Mixer_Internal Register
Default: 8184h
Table 79. Index-54h: AD_DA_Mixer_Internal Register
Bit
Type
Function
15
RW
Reserved
14:13
RW
DAC Reference Source
01: Internal DAC reference (AVDD1 & DAC reference cannot be bonded together)
11: External DAC reference (AVDD/AGND as DAC reference)
Others: Forbidden
12:3
RW
Reserved
2:0
RW
Temp. Sensor for Threshold Setting
001: 35
°C
011: 65
°C
101: 95
°C
111: 125
°C
Note: Tolerance: ± 15
°C.
Note: To reduce DAC power consumption, we suggest that Index54=E184’h be initialized.


Similar Part No. - ALC5610-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 91P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610-GRT REALTEK-ALC5610-GRT Datasheet
1Mb / 89P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
More results

Similar Description - ALC5610-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610 REALTEK-ALC5610 Datasheet
1Mb / 91P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611_09 Datasheet
1Mb / 77P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 73P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611 Datasheet
1Mb / 79P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
logo
Intersil Corporation
HMP9701A INTERSIL-HMP9701A Datasheet
172Kb / 20P
   AC??7 Audio Codec
logo
List of Unclassifed Man...
ALC202 ETC-ALC202 Datasheet
598Kb / 29P
   AC??7 Audio CODEC
logo
Cirrus Logic
WM9714L CIRRUS-WM9714L Datasheet
2Mb / 120P
   AC??7 Audio Codec
Rev 4.0 DEC 2016
logo
Intersil Corporation
HMP9701 INTERSIL-HMP9701 Datasheet
174Kb / 20P
   AC??7 Audio Codec
logo
Wolfson Microelectronic...
WM9705 WOLFSON-WM9705_06 Datasheet
511Kb / 55P
   Multimedia AC??7 CODEC with Integrated Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com