Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALC5610-GR Datasheet(PDF) 65 Page - Realtek Semiconductor Corp.

Part # ALC5610-GR
Description  AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC5610-GR Datasheet(HTML) 65 Page - Realtek Semiconductor Corp.

Back Button ALC5610-GR Datasheet HTML 61Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 62Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 63Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 64Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 65Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 66Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 67Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 68Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 69Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 93 page
background image
ALC5610
Datasheet
AC’97 Audio Codec + Touch Panel Controller + Voice
PCM Interface
56
Track ID: JATR-1076-21
Rev. 1.4
8.36. Reg-68h: Pseudo Stereo and Spatial Effect Block Control
Default: 0053h
Table 51. Reg-68h: Pseudo Stereo and Spatial Effect Block Control
Name
Bits
Read/Write
Reset State Description
spatial_ctrl_enable
15
RW
0’b
Spatial Enable
0b: Disable (Clear internal state)
1b: Enable
apf_en
14
RW
0’h
Enable All Pass Filter APF(z) (EN-APF)
0: Disable (Bypass) and reset.
1: Enable all pass filters. The coefficient a1 is loaded from
apf_parm_a1[7:0]
pseudo_stereo_en
13
RW
0’h
Enable Pseudo Stereo Block (EN-PSB)
0: Disabled
1: Enabled
en_3d
12
RW
0’h
Enable Stereo Expension Block (EN-SEB)
0: Disable
1: Enabled. Load 3D Ratio from ratio_parm_3d and 3D
Gain from gain_parm_3d
Reserved
11:8
-
0’h
Reserved
gain_parm_3d
7:6
RW
1’h
3D Gain Parameter (SEGn)
00: Gain=1.0
01: Gain=1.5
10: Gain=2.0
11: Reserved
ratio_parm_3d
5:4
RW
1’h
3D Ratio Parameter (DPn)
00: Ratio=0.0
01: Ratio=0.66
10: Ratio=1.0
11: Reserved
Reserved
3:2
-
0’h
Reserved
apf_parm_a1
1:0
RW
3’h
All Pass Filter Parameter
00: Disable
01: Enable for 32kHz sample rate or lower
10: Enable for 44.1kHz sample rate
11: Enable for 48kHz sample rate
Note: Writes to SEGn and DPn will be ignored when the Spatial effect control bit is enabled. This means individual
Spatial coefficients cannot be modified when Spatial is enabled.


Similar Part No. - ALC5610-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 91P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610-GRT REALTEK-ALC5610-GRT Datasheet
1Mb / 89P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
More results

Similar Description - ALC5610-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610 REALTEK-ALC5610 Datasheet
1Mb / 91P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611_09 Datasheet
1Mb / 77P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 73P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611 Datasheet
1Mb / 79P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
logo
Intersil Corporation
HMP9701A INTERSIL-HMP9701A Datasheet
172Kb / 20P
AC??7 Audio Codec
logo
List of Unclassifed Man...
ALC202 ETC-ALC202 Datasheet
598Kb / 29P
AC??7 Audio CODEC
logo
Cirrus Logic
WM9714L CIRRUS-WM9714L Datasheet
2Mb / 120P
AC??7 Audio Codec
Rev 4.0 DEC 2016
logo
Intersil Corporation
HMP9701 INTERSIL-HMP9701 Datasheet
174Kb / 20P
AC??7 Audio Codec
logo
Wolfson Microelectronic...
WM9705 WOLFSON-WM9705_06 Datasheet
511Kb / 55P
Multimedia AC??7 CODEC with Integrated Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com