Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALC5610-GR Datasheet(PDF) 62 Page - Realtek Semiconductor Corp.

Part # ALC5610-GR
Description  AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC5610-GR Datasheet(HTML) 62 Page - Realtek Semiconductor Corp.

Back Button ALC5610-GR Datasheet HTML 58Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 59Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 60Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 61Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 62Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 63Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 64Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 65Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 66Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 93 page
background image
ALC5610
Datasheet
AC’97 Audio Codec + Touch Panel Controller + Voice
PCM Interface
53
Track ID: JATR-1076-21
Rev. 1.4
Name
Bits
Read/Write
Reset State
Description
reset_pendown_sel
10
RW
0’b
Reset/Pen-Down Selection
0: Reset Input
1: Pen-down Output
Note: Output Reg78[15] status as pen-down signal
when Reset_Pendown_sel=1.
Sequence:
1. Set the GPIO of the controller as output and set the
ALC5610 as Reset_Input.
2. After Reset, Set the GPIO of the controller as Input
and set the ALC5610 as Pendown_Output.
3. Enable the GPIO of the controller to receive INT.
4. After the controller Received INT, the controller
disables INT and starts to check AUXADC.
5. Pen-up will be reported by Reg78[15].
Reserved
9:7
RW
0’h
Reserved
main_dac_l_mute
6
RW
0’h
Mute Main DAC Left Input
0: On
1: Mute (-
∞dB)
main_dac_r_mute
5
RW
0’h
Mute Main DAC Right Input
0: On
1: Mute (-
∞dB)
voice_dac_mute
4
RW
0’h
Mute Voice DAC Input
0: On
1: Mute (-
∞dB)
Reserved
3:2
RW
0’h
Reserved
gpio_wakeup_ctrl
1
RW
0’h
GPIO wakeup Control
0: Disable
1: Enable
irqout_inv_ctrl
0
RW
0’h
IRQOUT Inverter Control
0: Normal
1: Invert
The Jack-insert-detect pull-up resistor is implemented via an external circuit (see Figure 23).
Figure 23. Jack-Insert-Detect Pull-Up Resistor Implemented via an External Circuit


Similar Part No. - ALC5610-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 91P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610-GRT REALTEK-ALC5610-GRT Datasheet
1Mb / 89P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
More results

Similar Description - ALC5610-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610 REALTEK-ALC5610 Datasheet
1Mb / 91P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611_09 Datasheet
1Mb / 77P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 73P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611 Datasheet
1Mb / 79P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
logo
Intersil Corporation
HMP9701A INTERSIL-HMP9701A Datasheet
172Kb / 20P
   AC??7 Audio Codec
logo
List of Unclassifed Man...
ALC202 ETC-ALC202 Datasheet
598Kb / 29P
   AC??7 Audio CODEC
logo
Cirrus Logic
WM9714L CIRRUS-WM9714L Datasheet
2Mb / 120P
   AC??7 Audio Codec
Rev 4.0 DEC 2016
logo
Intersil Corporation
HMP9701 INTERSIL-HMP9701 Datasheet
174Kb / 20P
   AC??7 Audio Codec
logo
Wolfson Microelectronic...
WM9705 WOLFSON-WM9705_06 Datasheet
511Kb / 55P
   Multimedia AC??7 CODEC with Integrated Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com