Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALC5610-GR Datasheet(PDF) 58 Page - Realtek Semiconductor Corp.

Part # ALC5610-GR
Description  AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC5610-GR Datasheet(HTML) 58 Page - Realtek Semiconductor Corp.

Back Button ALC5610-GR Datasheet HTML 54Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 55Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 56Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 57Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 58Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 59Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 60Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 61Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 62Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 93 page
background image
ALC5610
Datasheet
AC’97 Audio Codec + Touch Panel Controller + Voice
PCM Interface
49
Track ID: JATR-1076-21
Rev. 1.4
8.29. Reg-54h: GPIO Pin Status
Default: 003Ah
Table 43. Reg-54h: GPIO Pin Status
Name
Bits
Read/Write
Reset State
Description
Reserved
15:14
R
00’b
Reserved
pendown_status
13
R
0’h
Pen-down Detect Status
Read: Return status
Write: Writing ‘0’ clears the sticky bit
Reserved
12
R
0’b
Reserved
over_temp_status
11
R
0’h
Over-temperature Status
Read: Return status
Write: Writing ‘0’ clears the sticky bit
mic1_short_det_status
10
R
0’h
MICBIAS1 Short Current Detect Status
Read: Return status
Write: Writing ‘0’ clears the sticky bit
mic2_short_det_status
9
R
0’h
MICBIAS2 Short Current Detect Status
Read: Return status
Write: Writing ‘0’ clears the sticky bit
Reserved
8:6
R
0’h
Reserved. Read as 0
gpio5_status
5
R
1’h
GPIO5 Pin Status
Read: Return status of each GPIO pin
Write: Writing ‘0’ clears the sticky bit
gpio4_status
4
R
1’h
GPIO4 Pin Status
Read: Return status of each GPIO pin
Write: Writing ‘0’ clears the sticky bit
gpio3_status
3
R
1’h
GPIO3 Pin Status
Read: Return status of each GPIO pin
Write: Writing ‘0’ clears the sticky bit
gpio2_status
2
R
1’h
GPIO2 Pin Status
Read: Return status of each GPIO pin
Write: Writing ‘0’ clears the sticky bit
gpio1_status
1
R
1’h
GPIO1 Pin Status
Read: Return status of each GPIO pin
Write: Writing ‘0’ clears the sticky bit
Reserved
0
R
0’h
Reserved. Read as 0
8.30. Reg-56h: Pin Sharing
Default: 0000h
Table 44. Reg-56h: Pin Sharing
Name
Bits
Read/Write
Reset State
Description
Reserved
15:3
R
0’h
Reserved
gpio2_pin_sharing
2
RW
0’h
GPIO2 Pin Sharing
0: IRQ_Out
1: GPIO enable
Reserved
1:0
R
0’h
Reserved


Similar Part No. - ALC5610-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 91P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610-GRT REALTEK-ALC5610-GRT Datasheet
1Mb / 89P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
More results

Similar Description - ALC5610-GR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMP9701 INTERSIL-HMP9701 Datasheet
174Kb / 20P
AC??7 Audio Codec
HMP9701A INTERSIL-HMP9701A Datasheet
172Kb / 20P
AC??7 Audio Codec
logo
List of Unclassifed Man...
ALC202 ETC-ALC202 Datasheet
598Kb / 29P
AC??7 Audio CODEC
logo
Wolfson Microelectronic...
WM9705 WOLFSON-WM9705_06 Datasheet
511Kb / 55P
Multimedia AC??7 CODEC with Integrated Touch Screen Controller
logo
Cirrus Logic
WM9714L CIRRUS-WM9714L Datasheet
2Mb / 120P
AC??7 Audio Codec
Rev 4.0 DEC 2016
logo
Realtek Semiconductor C...
ALC5610 REALTEK-ALC5610 Datasheet
1Mb / 91P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611 Datasheet
1Mb / 79P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611_09 Datasheet
1Mb / 77P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 73P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com