Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALC5610-GR Datasheet(PDF) 49 Page - Realtek Semiconductor Corp.

Part # ALC5610-GR
Description  AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC5610-GR Datasheet(HTML) 49 Page - Realtek Semiconductor Corp.

Back Button ALC5610-GR Datasheet HTML 45Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 46Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 47Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 48Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 49Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 50Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 51Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 52Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 53Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 93 page
background image
ALC5610
Datasheet
AC’97 Audio Codec + Touch Panel Controller + Voice
PCM Interface
40
Track ID: JATR-1076-21
Rev. 1.4
8.17. Reg-32h: AC’97 Stereo ADC Rate
Default: BB80h
Table 29. Reg-32h: AC’97 Stereo ADC Rate
Name
Bits
Read/Write
Reset State
Description
adc_sample_rate
15:0
RW
BB80’h
IISR[15:0] Output Sampling Rate.
The ALC5610 supports the following PC99/PC2001 design guide sampling rates.
Table 30. PC99/PC2001 Design Guide Sampling Rates
Sampling Rate
IISR[15:0]
8000
1F40h
11025
2B11h
12000
2EE0
16000
3E80h
22050
5622h
24000
5DC0
32000
7D00h
44100
AC44h
48000
BB80h
8.18. Reg-36h: Extend Serial Data Port Control
(VoDAC_I2S/PCM)
Default: 0000h
Table 31. Reg-36h: Extend Serial Data Port Control (VoDAC_I2S/PCM)
Name
Bits
Read/Write
Reset State
Description
VoPCM_En
15
RW
0’b
Enable PCM Interface on GPIO1, 3, 4, 5
0: GPIO function
1: VoPCM interface
voice_port_sel
14
RW
0’h
Extend Serial Data Port Mode Selection
0: Master
1: Slave
Reserved
13:9
R
00’h
Reserved
voice_adc_enable
8
RW
0’b
Voice ADC Enable
0b: Disable (ADC_L=ADC_R=Stereo)
1b: Enable (ADC_L=Stereo, ADC_R=Voice)
voice_vbclk_polarity_ctrl
7
RW
0’h
Voice I2S VBCLK Polarity Control
0: Normal
1: Invert


Similar Part No. - ALC5610-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 91P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610-GRT REALTEK-ALC5610-GRT Datasheet
1Mb / 89P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
More results

Similar Description - ALC5610-GR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMP9701 INTERSIL-HMP9701 Datasheet
174Kb / 20P
AC??7 Audio Codec
HMP9701A INTERSIL-HMP9701A Datasheet
172Kb / 20P
AC??7 Audio Codec
logo
List of Unclassifed Man...
ALC202 ETC-ALC202 Datasheet
598Kb / 29P
AC??7 Audio CODEC
logo
Wolfson Microelectronic...
WM9705 WOLFSON-WM9705_06 Datasheet
511Kb / 55P
Multimedia AC??7 CODEC with Integrated Touch Screen Controller
logo
Cirrus Logic
WM9714L CIRRUS-WM9714L Datasheet
2Mb / 120P
AC??7 Audio Codec
Rev 4.0 DEC 2016
logo
Realtek Semiconductor C...
ALC5610 REALTEK-ALC5610 Datasheet
1Mb / 91P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611 Datasheet
1Mb / 79P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611_09 Datasheet
1Mb / 77P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 73P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com