Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALC5610-GR Datasheet(PDF) 29 Page - Realtek Semiconductor Corp.

Part # ALC5610-GR
Description  AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC5610-GR Datasheet(HTML) 29 Page - Realtek Semiconductor Corp.

Back Button ALC5610-GR Datasheet HTML 25Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 26Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 27Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 28Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 29Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 30Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 31Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 32Page - Realtek Semiconductor Corp. ALC5610-GR Datasheet HTML 33Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 93 page
background image
ALC5610
Datasheet
AC’97 Audio Codec + Touch Panel Controller + Voice
PCM Interface
20
Track ID: JATR-1076-21
Rev. 1.4
7.5.4.
Voice DAC
The Voice DAC is dedicated to playback of received voice signals from the voice_I2S/PCM interface.
Typically, it is used at an 8kHz sample rate.
In Voice I2S/PCM Master mode, the sample rate is set by the VoDAC clock Divider (Reg64). In addition,
Reg66[7:4][2:0] is used to set the over-sample rate clock divider of the Voice ADC/DAC filter to 64Fs or
128Fs. Reg66[13] must be set according to the over-sample rate clock.
Performance at 128Fs is better than 64Fs, but with higher power consumption. For best performance, the
frequency of the Voice DAC Sigma Delta clock must be equal to, or higher than, the Voice DA filter
over-sampling rate. The volume control of the Voice DAC is set via Reg18[12:8].
7.6. Mixers
The ALC5610 supports four mixers for all audio function requirements:
• Headphone mixer for 2 channels
• MONO mixer
• Speaker mixer
• ADC record mixer
7.6.1.
Headphone Mixer
The headphone mixer is used to drive stereo output, including HP_OUT_L/R, SPK_OUT_L/R
(SPK_OUT_LN/RN) and MONO_OUT (MONO_OUTN). The output of the headphone mixer can be
input to the ADC record mixer.
The following signals can be mixed into the headphone mixer:
• LINE-IN_L/R (Controlled by Reg0A)
• PHONEP/N (Controlled by Reg08)
• MIC1P/N and MIC2P/N (Controlled by Reg22 & Reg10)
• Stereo DAC output (Controlled by Reg0C)
• Voice DAC output (Controlled by Reg18)
• ADC record mixer output (Controlled by Reg12 & Reg14).
Note: The headphone mixer can be powered down by setting Reg3C[5][4].


Similar Part No. - ALC5610-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 91P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610-GRT REALTEK-ALC5610-GRT Datasheet
1Mb / 89P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
More results

Similar Description - ALC5610-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610 REALTEK-ALC5610 Datasheet
1Mb / 91P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611_09 Datasheet
1Mb / 77P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 73P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611 Datasheet
1Mb / 79P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
logo
Intersil Corporation
HMP9701A INTERSIL-HMP9701A Datasheet
172Kb / 20P
   AC??7 Audio Codec
logo
List of Unclassifed Man...
ALC202 ETC-ALC202 Datasheet
598Kb / 29P
   AC??7 Audio CODEC
logo
Cirrus Logic
WM9714L CIRRUS-WM9714L Datasheet
2Mb / 120P
   AC??7 Audio Codec
Rev 4.0 DEC 2016
logo
Intersil Corporation
HMP9701 INTERSIL-HMP9701 Datasheet
174Kb / 20P
   AC??7 Audio Codec
logo
Wolfson Microelectronic...
WM9705 WOLFSON-WM9705_06 Datasheet
511Kb / 55P
   Multimedia AC??7 CODEC with Integrated Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com