Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

06035J0R7ABSTR Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # 06035J0R7ABSTR
Description  Edge QAM Gain Stage
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

06035J0R7ABSTR Datasheet(HTML) 1 Page - TriQuint Semiconductor

  06035J0R7ABSTR Datasheet HTML 1Page - TriQuint Semiconductor 06035J0R7ABSTR Datasheet HTML 2Page - TriQuint Semiconductor 06035J0R7ABSTR Datasheet HTML 3Page - TriQuint Semiconductor 06035J0R7ABSTR Datasheet HTML 4Page - TriQuint Semiconductor 06035J0R7ABSTR Datasheet HTML 5Page - TriQuint Semiconductor 06035J0R7ABSTR Datasheet HTML 6Page - TriQuint Semiconductor 06035J0R7ABSTR Datasheet HTML 7Page - TriQuint Semiconductor 06035J0R7ABSTR Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TAT7472A1F
CATV 75
Ω pHEMT Dual RF Amplifier
Datasheet: Rev D 06-08-15
- 1 of 9 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
SOIC-8 Package
Applications
 Edge QAM Gain Stage
 MDU Output
 RF Distribution Amplifiers
 AH22 Replacement
Product Features
 75 Ω, 50 MHz to 1218 MHz Bandwidth
 Low Noise Figure: < 3 dB
 pHEMT Device Technology
 SOIC-8 Package
 Enhanced Gain and Bandwidth
 Adjustable Bias
Functional Block Diagram
1
2
3
4
8
7
6
5
RF
OUT / VDD A
N/C
N/C
RF
OUT / VDD B
RF
IN / VG A
N/C
N/C
RF
IN / VG B
Backside Pad - RF/DC GND
Pin 1 Reference Mark
A
B
Pin Configuration
Pin No.
Label
1
RFIN
 / VG A
2, 3, 6, 7
GND
4
RFIN /
 VG B
5
RFOUT
 / VDD B
8
RFOUT
 / VDD A
Backside Pad
RF/DC GND
General Description
The TAT7472A1F
is a 75 Ω RF Amplifier designed for
CATV use, but capable of operation up to 1218
 MHz.
The TAT7472 A1F contains two separate amplifiers for
push pull applications. It is fabricated using 6-inch GaAs
pHEMT technology to optimize performance and cost.
Each amplifier contains on-chip active biasing. The bias
current set point of each amplifier is adjustable with a
single resistor from the input to ground.
Typical supply voltage is +5
 V, IMD performance and
bandwidth can be enhanced with +5.5
 V and +6 V
operation.
Ordering Information
Part No.
Description
TAT7472A1F
75
 Ω Dual pHEMT Amplifier
TAT7472A1F-EB
50
 – 1218 MHz Evaluation Board
Standard T/R size = 1000 pieces on a 7
” reel.
GND
GND
GND
GND


Similar Part No. - 06035J0R7ABSTR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
06035J0R7BBS NXP-06035J0R7BBS Datasheet
468Kb / 15P
Heterostructure Field Effect Transistor (GaAs HFET)
Rev. 4.1, 10/2014
More results

Similar Description - 06035J0R7ABSTR

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT2814A TRIQUINT-TAT2814A Datasheet
720Kb / 11P
DOCSIS 3.0 / Edge QAM Variable Gain Amplifier
TAT2814A1L TRIQUINT-TAT2814A1L_15 Datasheet
711Kb / 12P
DOCSIS 3.0 / Edge QAM Variable Gain Amplifier
logo
NXP Semiconductors
SA5200 PHILIPS-SA5200 Datasheet
375Kb / 14P
RF dual gain-stage
1997 Nov 07
logo
M/A-COM Technology Solu...
MAAL-009120 MA-COM-MAAL-009120 Datasheet
364Kb / 10P
Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
Miniature Broadband Gain Stage
MAAL-009120 MA-COM-MAAL-009120 Datasheet
364Kb / 10P
Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
Miniature Broadband Gain Stage
MAAL-009120 MA-COM-MAAL-009120_15 Datasheet
876Kb / 11P
Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200_15 Datasheet
777Kb / 10P
Miniature Broadband Gain Stage
logo
TriQuint Semiconductor
RFAM3620 TRIQUINT-RFAM3620 Datasheet
542Kb / 10P
CATV Edge QAM MCM 1218MHz 36dB
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com