Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P15L50SP Datasheet(PDF) 1 Page - PFC Device Inc.

Part # P15L50SP
Description  15A 50V MOS Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.

P15L50SP Datasheet(HTML) 1 Page - PFC Device Inc.

  P15L50SP Datasheet HTML 1Page - PFC Device Inc. P15L50SP Datasheet HTML 2Page - PFC Device Inc. P15L50SP Datasheet HTML 3Page - PFC Device Inc. P15L50SP Datasheet HTML 4Page - PFC Device Inc. P15L50SP Datasheet HTML 5Page - PFC Device Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
15A 50V MOS Schottky Rectifier
Apr-2018
Version 4.2
1 / 5
PFC Device Corporation
P15L50SP
www.pfc-device.com
Major ratings and characteristics
Characteristics
Values
Units
IF(AV) Rectangular
Waveform
15
A
VRRM
50
V
VF@ 15A , Tj=125
oC
0.47
V, typ.
TJ Operating Junction
Temperature
-65 to +150
oC
Features
Low Forward Voltage Drop
Reliable High Temperature Operation
Softest, fast switching capability
150
oC Operating Junction Temperature
Lead Free Finish, RoHS Compliant
Green Molding Compound (No Br, Sb)
Typical Applications
Device optimized for low forward voltage drop
to maximize efficiency in Power Supply
applications
P15L50SP
TO-277
1
K
2
1
2
K


Similar Part No. - P15L50SP

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
P15L50N5 PFC-P15L50N5 Datasheet
804Kb / 5P
   15A 50V MOS Schottky Rectifier
More results

Similar Description - P15L50SP

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
P15V50N5 PFC-P15V50N5 Datasheet
805Kb / 5P
   15A 50V MOS Schottky Rectifier
P15L50N5 PFC-P15L50N5 Datasheet
804Kb / 5P
   15A 50V MOS Schottky Rectifier
P1550SP PFC-P1550SP Datasheet
723Kb / 5P
   15A 50V MOS Schottky Rectifier
logo
DONGGUAN YOU FENG WEI E...
P15V50 YFWDIODE-P15V50 Datasheet
319Kb / 4P
   15A 50V MOS Schottky Rectifier
logo
PFC Device Inc.
P15V50SP PFC-P15V50SP Datasheet
726Kb / 5P
   15A 50V MOS Schottky Rectifier
logo
Shenzhen Luguang Electr...
SD1550SL LUGUANG-SD1550SL Datasheet
840Kb / 4P
   15A/50V Low VF Schottky Rectifier
logo
DONGGUAN YOU FENG WEI E...
P15V60 YFWDIODE-P15V60 Datasheet
327Kb / 4P
   15A 60V MOS Schottky Rectifier
logo
PFC Device Inc.
P15V60N5 PFC-P15V60N5 Datasheet
807Kb / 5P
   15A 60V MOS Schottky Rectifier
P15L30SP PFC-P15L30SP Datasheet
724Kb / 5P
   15A 30V MOS Schottky Rectifier
PFC15V45R PFC-PFC15V45R Datasheet
578Kb / 5P
   15A 45V MOS Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com