Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P15L50SP Datasheet(PDF) 5 Page - PFC Device Inc.

Part # P15L50SP
Description  15A 50V MOS Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.

P15L50SP Datasheet(HTML) 5 Page - PFC Device Inc.

  P15L50SP Datasheet HTML 1Page - PFC Device Inc. P15L50SP Datasheet HTML 2Page - PFC Device Inc. P15L50SP Datasheet HTML 3Page - PFC Device Inc. P15L50SP Datasheet HTML 4Page - PFC Device Inc. P15L50SP Datasheet HTML 5Page - PFC Device Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Characteristics
Version 4.2
5 / 5
www.pfc-device.com
P15L50SP
5. Packing and Ordering information
Part Number
Package
Base Quantity
Delivery mode
P15L50SP
TO-277
5000
13" diameter plastic tape and reel
Mechanical
Molder Plastic: UL Flammability Classification Rating 94V-0
Device Weight : 0.003 ounces (0.093grams) - TO-277
Packing information
millimeters
Ordering information
PFC Device Corp reserves the right to make changes without further notice to any products herein. PFC Device Corp makes no warranty, representation or
guarantee regarding the suitability of its products for any particular purpose, nor does PFC Device Corp assume any liability arising out of the application
or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in PFC Device Corp data sheets and/or specifications can and do vary in different applications and actual
performance may vary over time. All operating parameters, including “Typical” must be validated for each customer application by customer’s technical
experts. PFC Device Corp does not convey any license under its patent rights nor the rights of others. PFC Device Corp products are not designed,
intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or
sustain life, or for any other application in which the failure of the PFC Device Corp product could create a situation where personal injury or death may
occur. Should Buyer purchase or use PFC Device Corp products for any such unintended or unauthorized application, Buyer shall indemnify and hold PFC
Device Corp and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and
reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use,
even if such claim alleges that PFC Device Corp was negligent regarding the design or manufacture of the part.


Similar Part No. - P15L50SP

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
P15L50N5 PFC-P15L50N5 Datasheet
804Kb / 5P
   15A 50V MOS Schottky Rectifier
More results

Similar Description - P15L50SP

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
P15V50N5 PFC-P15V50N5 Datasheet
805Kb / 5P
   15A 50V MOS Schottky Rectifier
P15L50N5 PFC-P15L50N5 Datasheet
804Kb / 5P
   15A 50V MOS Schottky Rectifier
P1550SP PFC-P1550SP Datasheet
723Kb / 5P
   15A 50V MOS Schottky Rectifier
logo
DONGGUAN YOU FENG WEI E...
P15V50 YFWDIODE-P15V50 Datasheet
319Kb / 4P
   15A 50V MOS Schottky Rectifier
logo
PFC Device Inc.
P15V50SP PFC-P15V50SP Datasheet
726Kb / 5P
   15A 50V MOS Schottky Rectifier
logo
Shenzhen Luguang Electr...
SD1550SL LUGUANG-SD1550SL Datasheet
840Kb / 4P
   15A/50V Low VF Schottky Rectifier
logo
DONGGUAN YOU FENG WEI E...
P15V60 YFWDIODE-P15V60 Datasheet
327Kb / 4P
   15A 60V MOS Schottky Rectifier
logo
PFC Device Inc.
P15V60N5 PFC-P15V60N5 Datasheet
807Kb / 5P
   15A 60V MOS Schottky Rectifier
P15L30SP PFC-P15L30SP Datasheet
724Kb / 5P
   15A 30V MOS Schottky Rectifier
PFC15V45R PFC-PFC15V45R Datasheet
578Kb / 5P
   15A 45V MOS Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com