Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P15L50SP Datasheet(PDF) 4 Page - PFC Device Inc.

Part # P15L50SP
Description  15A 50V MOS Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.

P15L50SP Datasheet(HTML) 4 Page - PFC Device Inc.

  P15L50SP Datasheet HTML 1Page - PFC Device Inc. P15L50SP Datasheet HTML 2Page - PFC Device Inc. P15L50SP Datasheet HTML 3Page - PFC Device Inc. P15L50SP Datasheet HTML 4Page - PFC Device Inc. P15L50SP Datasheet HTML 5Page - PFC Device Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Characteristics
Version 4.2
4 / 5
www.pfc-device.com
P15L50SP
P15L50
YM AS
3. Marking information
Top Marking Rule
P15L50 = Product Type Marking Code
YM = Date Code
Y = Last one digits of year
M = Month code
A = Assembly Code
S = Series
4. Package information
Suggested Package Outline Dimensions
millimeters
Mounting pad Outline Dimensions millimeters


Similar Part No. - P15L50SP

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
P15L50N5 PFC-P15L50N5 Datasheet
804Kb / 5P
   15A 50V MOS Schottky Rectifier
More results

Similar Description - P15L50SP

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
P15V50N5 PFC-P15V50N5 Datasheet
805Kb / 5P
   15A 50V MOS Schottky Rectifier
P15L50N5 PFC-P15L50N5 Datasheet
804Kb / 5P
   15A 50V MOS Schottky Rectifier
P1550SP PFC-P1550SP Datasheet
723Kb / 5P
   15A 50V MOS Schottky Rectifier
logo
DONGGUAN YOU FENG WEI E...
P15V50 YFWDIODE-P15V50 Datasheet
319Kb / 4P
   15A 50V MOS Schottky Rectifier
logo
PFC Device Inc.
P15V50SP PFC-P15V50SP Datasheet
726Kb / 5P
   15A 50V MOS Schottky Rectifier
logo
Shenzhen Luguang Electr...
SD1550SL LUGUANG-SD1550SL Datasheet
840Kb / 4P
   15A/50V Low VF Schottky Rectifier
logo
DONGGUAN YOU FENG WEI E...
P15V60 YFWDIODE-P15V60 Datasheet
327Kb / 4P
   15A 60V MOS Schottky Rectifier
logo
PFC Device Inc.
P15V60N5 PFC-P15V60N5 Datasheet
807Kb / 5P
   15A 60V MOS Schottky Rectifier
P15L30SP PFC-P15L30SP Datasheet
724Kb / 5P
   15A 30V MOS Schottky Rectifier
PFC15V45R PFC-PFC15V45R Datasheet
578Kb / 5P
   15A 45V MOS Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com