Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA2320IDWRG4 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # PGA2320IDWRG4
Description  Stereo Audio Volume Control
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PGA2320IDWRG4 Datasheet(HTML) 12 Page - Texas Instruments

Back Button PGA2320IDWRG4 Datasheet HTML 7Page - Texas Instruments PGA2320IDWRG4 Datasheet HTML 8Page - Texas Instruments PGA2320IDWRG4 Datasheet HTML 9Page - Texas Instruments PGA2320IDWRG4 Datasheet HTML 10Page - Texas Instruments PGA2320IDWRG4 Datasheet HTML 11Page - Texas Instruments PGA2320IDWRG4 Datasheet HTML 12Page - Texas Instruments PGA2320IDWRG4 Datasheet HTML 13Page - Texas Instruments PGA2320IDWRG4 Datasheet HTML 14Page - Texas Instruments PGA2320IDWRG4 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
PGA2320
SBOS312B − JULY 2004 − REVISED DECEMBER 2004
www.ti.com
12
PRINTED CIRCUIT BOARD LAYOUT
GUIDELINES
It is recommended that the ground planes for the digital
and analog sections of the printed circuit board (PCB) be
separate from one another. The planes should be
connected at a single point. Figure 6 shows the
recommended PCB floor plan for the PGA2320.
The PGA2320 is mounted so that it straddles the split be-
tween the digital and analog ground planes. Pins 1 through
8 are oriented to the digital side of the board, while pins 9
through 16 are on the analog side of the board.
Analog
Ground
Digital
Ground
DIGITAL GROUND PLANE
ANALOG GROUND PLANE
Host
Digital Power
+5V
DGND
Analog Power
15V
+15V
AGND
Analog
Inputs
and
Outputs
PGA2320
Figure 6. Typical PCB Layout Floor Plan


Similar Part No. - PGA2320IDWRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA2320IDWRG4 BURR-BROWN-PGA2320IDWRG4 Datasheet
208Kb / 15P
   Stereo Audio Volume Control
More results

Similar Description - PGA2320IDWRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310 Datasheet
322Kb / 16P
   Stereo Audio Volume Control
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
[Old version datasheet]   Stereo Audio Volume Control
PGA2311 TI1-PGA2311 Datasheet
924Kb / 21P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
   Stereo Audio Volume Control
PGA2310 BURR-BROWN-PGA2310_08 Datasheet
381Kb / 17P
   Stereo Audio Volume Control
PGA2311 BURR-BROWN-PGA2311_06 Datasheet
592Kb / 17P
   Stereo Audio VOLUME CONTROL
logo
Texas Instruments
PGA2311 TI-PGA2311 Datasheet
594Kb / 10P
[Old version datasheet]   STEREO AUDIO VOLUME CONTROL
logo
Burr-Brown (TI)
PGA2320 BURR-BROWN-PGA2320_06 Datasheet
208Kb / 15P
   Stereo Audio Volume Control
logo
Cirrus Logic
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
   20-Bit Stereo Audio Codec with Volume Control
logo
Global Mixed-mode Techn...
G1450 GMT-G1450 Datasheet
84Kb / 1P
   2.4W Stereo Audio Amplifier with DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com