Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA2320IDWRG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PGA2320IDWRG4
Description  Stereo Audio Volume Control
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PGA2320IDWRG4 Datasheet(HTML) 3 Page - Texas Instruments

  PGA2320IDWRG4 Datasheet HTML 1Page - Texas Instruments PGA2320IDWRG4 Datasheet HTML 2Page - Texas Instruments PGA2320IDWRG4 Datasheet HTML 3Page - Texas Instruments PGA2320IDWRG4 Datasheet HTML 4Page - Texas Instruments PGA2320IDWRG4 Datasheet HTML 5Page - Texas Instruments PGA2320IDWRG4 Datasheet HTML 6Page - Texas Instruments PGA2320IDWRG4 Datasheet HTML 7Page - Texas Instruments PGA2320IDWRG4 Datasheet HTML 8Page - Texas Instruments PGA2320IDWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
PGA2320
SBOS312B − JULY 2004 − REVISED DECEMBER 2004
www.ti.com
3
ELECTRICAL CHARACTERISTICS
At TA = +25°C, VA+ = +15V, VA− = −15V, VD+ = +5V, RL = 100kΩ, CL = 20pF, BW measure = 20Hz to 20kHz, unless otherwise noted.
PGA2320
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC CHARACTERISTICS
Step Size
0.5
dB
Gain Error
Gain Setting = 31.5dB
±0.1
dB
Gain Matching
±0.1
dB
Input Resistance
12
k
Input Capacitance
18
pF
AC CHARACTERISTICS
THD+N
VIN = 10VPP, f = 1kHz
0.0003
0.001
%
Dynamic Range
VIN = AGND, Gain = 0dB
115
120
dB
Voltage Range, Input and Output
(VA−) + 0.86
(VA+) − 0.86
V
Output Noise
VIN = AGND, Gain = 0dB
10.5
17.5
µVRMS
Interchannel Crosstalk
f = 1kHz
−126
dBFS
OUTPUT BUFFER
Offset Voltage
VIN = AGND, Gain = 0dB
1
7.5
mV
Load Capacitance Stability
1000
pF
Short-Circuit Current
75
mA
Unity-Gain Bandwidth, Small Signal
1
MHz
DIGITAL CHARACTERISTICS
High-Level Input Voltage, VIH
+2.0
VD+
V
Low-Level Input Voltage, VIL
−0.3
0.8
V
High-Level Output Voltage, VOH
IO = 200µA
(VD+) − 1.0
V
Low-Level Output Voltage, VOL
IO = −2mA
0.4
V
Input Leakage Current
1
10
µA
SWITCHING CHARACTERISTICS
Serial Clock (SCLK) Frequency
tSCLK
0
6.25
MHz
Serial Clock (SCLK) Pulse Width Low
tPH
80
ns
Serial Clock (SCLK) Pulse Width
High
tPL
80
ns
MUTE Pulse Width Low
tMI
2.0
ms
Input Timing
SDI Setup Time
tSDS
20
ns
SDI Hold Time
tSDH
20
ns
CS Falling to SCLK Rising
tCSCR
90
ns
SCLK Falling to CS Rising
tCFCS
35
ns
Output Timing
CS Low to SDO Active
tCSO
35
ns
SCLK Falling to SDO Data Valid
tCFDO
60
ns
POWER SUPPLY
Operating Voltage
VA+
+4.5
+15
+15.5
V
VA−
−4.5
−15
−15.5
V
VD+
+4.5
+5
+5.5
V
Quiescent Current
IA+
VA+ = +15V
11
16
mA
IA−
VA− = −15V
11
16
mA
ID+
VD+ = +5V
0.6
1.5
mA


Similar Part No. - PGA2320IDWRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA2320IDWRG4 BURR-BROWN-PGA2320IDWRG4 Datasheet
208Kb / 15P
Stereo Audio Volume Control
More results

Similar Description - PGA2320IDWRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310 Datasheet
322Kb / 16P
Stereo Audio Volume Control
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
Stereo Audio Volume Control
PGA2311 TI1-PGA2311 Datasheet
924Kb / 21P
Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
Stereo Audio Volume Control
PGA2310 BURR-BROWN-PGA2310_08 Datasheet
381Kb / 17P
Stereo Audio Volume Control
PGA2311 BURR-BROWN-PGA2311_06 Datasheet
592Kb / 17P
Stereo Audio VOLUME CONTROL
logo
Texas Instruments
PGA2311 TI-PGA2311 Datasheet
594Kb / 10P
STEREO AUDIO VOLUME CONTROL
logo
Burr-Brown (TI)
PGA2320 BURR-BROWN-PGA2320_06 Datasheet
208Kb / 15P
Stereo Audio Volume Control
logo
Cirrus Logic
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
20-Bit Stereo Audio Codec with Volume Control
logo
Global Mixed-mode Techn...
G1450 GMT-G1450 Datasheet
84Kb / 1P
2.4W Stereo Audio Amplifier with DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com