Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA2320IDW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PGA2320IDW
Description  Stereo Audio Volume Control
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PGA2320IDW Datasheet(HTML) 7 Page - Texas Instruments

Back Button PGA2320IDW Datasheet HTML 3Page - Texas Instruments PGA2320IDW Datasheet HTML 4Page - Texas Instruments PGA2320IDW Datasheet HTML 5Page - Texas Instruments PGA2320IDW Datasheet HTML 6Page - Texas Instruments PGA2320IDW Datasheet HTML 7Page - Texas Instruments PGA2320IDW Datasheet HTML 8Page - Texas Instruments PGA2320IDW Datasheet HTML 9Page - Texas Instruments PGA2320IDW Datasheet HTML 10Page - Texas Instruments PGA2320IDW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PGA2320
SBOS312B − JULY 2004 − REVISED DECEMBER 2004
www.ti.com
7
GENERAL DESCRIPTION
The PGA2320 is a stereo audio volume control. It may be
used in a wide array of professional and consumer audio
equipment. The PGA2320 is fabricated in a mixed-signal
BiCMOS process in order to take advantage of the
superior analog characteristics that the process offers.
The heart of the PGA2320 is a resistor network, an analog
switch array, and a high-performance bipolar op amp
stage. The switches are used to select taps in the resistor
network that, in turn, determine the gain of the amplifier
stage. Switch selections are programmed using a serial
control port. The serial port allows connection to a wide
variety of host controllers. Figure 1 shows a functional
block diagram of the PGA2320.
POWER-UP STATE
On power up, all internal flip-flops are reset. The gain byte
value for both the left and right channels are set to 00HEX,
or mute condition. The gain will remain at this setting until
the host controller programs new settings for each channel
via the serial control port.
ANALOG INPUTS AND
OUTPUTS
The PGA2320 includes two independent channels,
referred to as the left and right channels. Each channel has
a corresponding input and output pin. The input and output
pins are unbalanced, or referenced to analog ground
(either AGNDR or AGNDL). The inputs are named VINR
(pin 9) and VINL (pin 16), while the outputs are named
VOUTR (pin 11) and VOUTL (pin 14).
It is important to drive the PGA2320 with a low source
impedance. If a source impedance of greater than 600
Ω is
used, the distortion performance of the PGA2320 will
begin to degrade.
MUX
Serial
Control
Port
MUX
ZCEN
CS
SCLK
SDI
SDO
MUTE
V
OUTR
V
OUTL
V
INL
AGNDL
AGNDR
V
INR
V
A+VA
V
D+DGND
12
13
4
5
11
7
3
6
2
1
8
14
16
15
10
9
8
8
8
8
Figure 1. PGA2320 Block Diagram


Similar Part No. - PGA2320IDW

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA2320IDW BURR-BROWN-PGA2320IDW Datasheet
208Kb / 15P
   Stereo Audio Volume Control
PGA2320IDWG4 BURR-BROWN-PGA2320IDWG4 Datasheet
208Kb / 15P
   Stereo Audio Volume Control
PGA2320IDWR BURR-BROWN-PGA2320IDWR Datasheet
208Kb / 15P
   Stereo Audio Volume Control
PGA2320IDWRG4 BURR-BROWN-PGA2320IDWRG4 Datasheet
208Kb / 15P
   Stereo Audio Volume Control
More results

Similar Description - PGA2320IDW

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310 Datasheet
322Kb / 16P
   Stereo Audio Volume Control
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
[Old version datasheet]   Stereo Audio Volume Control
PGA2311 TI1-PGA2311 Datasheet
924Kb / 21P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
   Stereo Audio Volume Control
PGA2310 BURR-BROWN-PGA2310_08 Datasheet
381Kb / 17P
   Stereo Audio Volume Control
PGA2311 BURR-BROWN-PGA2311_06 Datasheet
592Kb / 17P
   Stereo Audio VOLUME CONTROL
logo
Texas Instruments
PGA2311 TI-PGA2311 Datasheet
594Kb / 10P
[Old version datasheet]   STEREO AUDIO VOLUME CONTROL
logo
Burr-Brown (TI)
PGA2320 BURR-BROWN-PGA2320_06 Datasheet
208Kb / 15P
   Stereo Audio Volume Control
logo
Cirrus Logic
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
   20-Bit Stereo Audio Codec with Volume Control
logo
Global Mixed-mode Techn...
G1450 GMT-G1450 Datasheet
84Kb / 1P
   2.4W Stereo Audio Amplifier with DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com