Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA7210 Datasheet(PDF) 6 Page - Major-Power Technology Co., LTD.

Part # MA7210
Description  Complementary Output Hall Effect Fan Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA7210 Datasheet(HTML) 6 Page - Major-Power Technology Co., LTD.

  MA7210 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA7210 Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA7210 Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA7210 Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA7210 Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA7210 Datasheet HTML 6Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6/6
MA7210
Major Power Technology Co., Ltd.
Rev.1.2
Nov.09, 2017
PACKAGE OUTLINES
0.8mm
+/-0.1
1.55mm
+/-0.2
0.38mm
+/-0.03
5.15mm
+/-0.17
1.27mm
0.41mm
+/-0.05
0.48mm


Similar Part No. - MA7210

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MA72101BAN MURATA-MA72101BAN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MA72101BBN MURATA-MA72101BBN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MA72101CAN MURATA-MA72101CAN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MA72101CBN MURATA-MA72101CBN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MA72101DAN MURATA-MA72101DAN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
More results

Similar Description - MA7210

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA7201 MPOWER-MA7201 Datasheet
388Kb / 6P
   Complementary Output Hall Effect Fan Driver
MA277 MPOWER-MA277 Datasheet
328Kb / 6P
   Complementary Output Hall Effect Fan Driver
MA266 MPOWER-MA266 Datasheet
120Kb / 2P
   Complementary Output Hall Effect Fan Driver
Rev.1.3
MA382 MPOWER-MA382 Datasheet
121Kb / 2P
   Complementary Output Hall Effect Fan Driver
Rev.1.3
MA276 MPOWER-MA276 Datasheet
235Kb / 5P
   Complementary Output Hall Effect Fan Driver
MA280 MPOWER-MA280 Datasheet
123Kb / 2P
   Complementary Output Hall Effect Fan Driver
Rev.1.0
MA284 MPOWER-MA284 Datasheet
120Kb / 2P
   Complementary Output Hall Effect Fan Driver
Rev.1.3
MA7212 MPOWER-MA7212 Datasheet
121Kb / 2P
   Complementary Output Hall Effect Fan Driver
Rev.0.2
MA211K MPOWER-MA211K Datasheet
121Kb / 2P
   Complementary Output Hall Effect Fan Driver
Rev.1.1
MA7202 MPOWER-MA7202 Datasheet
326Kb / 6P
   Complementary Output Hall Effect Fan Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com