Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-5710L Datasheet(PDF) 14 Page - Agilent(Hewlett-Packard)

Part # HFBR-5710L
Description  Small Form Factor Pluggable Optical Transceiver for Gigabit
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-5710L Datasheet(HTML) 14 Page - Agilent(Hewlett-Packard)

Back Button HFBR-5710L Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-5710L Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-5710L Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFBR-5710L Datasheet HTML 10Page - Agilent(Hewlett-Packard) HFBR-5710L Datasheet HTML 11Page - Agilent(Hewlett-Packard) HFBR-5710L Datasheet HTML 12Page - Agilent(Hewlett-Packard) HFBR-5710L Datasheet HTML 13Page - Agilent(Hewlett-Packard) HFBR-5710L Datasheet HTML 14Page - Agilent(Hewlett-Packard) HFBR-5710L Datasheet HTML 15Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Figure 9. Assembly drawing.
15
(0.59)
41.73 ± 0.5
(1.64 ± 0.02)
3.5 ± 0.3
(0.14 ± 0.01)
1.7 ± 0.9
(0.07 ± 0.04)
BEZEL
PCB
AREA
FOR
PROCESS
PLUG
10
(0.39)
TO PCB
REF
0.4 ± 0.1
(0.02 ± 0.004)
BELOW PCB
10.4 ± 0.1
(0.41 ± 0.004)
15.25 ± 0.1
(0.60 ± 0.004)
MSA-SPECIFIED BEZEL
16.25 ± 0.1
(0.64 ± 0.004)
MIN. PITCH
DIMENSIONS ARE IN MILLIMETERS (INCHES).
11
(0.43)
1.5
(0.06)
BELOW PCB
REF.
9.8
(0.39)
CAGE ASSEMBLY
REF.
MAX.
MAX.
Figure 10. The extended de-latch for belly to belly application.
14


Similar Part No. - HFBR-5710L

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HFBR-5710L BOARDCOM-HFBR-5710L Datasheet
820Kb / 25P
   1000BASE-T Small Form Pluggable Low Voltage (3.3 V) Electrical Transceiver over Category 5 Unshielded Twisted Pair Cable
More results

Similar Description - HFBR-5710L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-57V6USZ AVAGO-AFCT-57V6USZ Datasheet
524Kb / 22P
   Small Form Factor Pluggable (SFP) LC Optical Transceiver
HFBR-5911LZALZ AVAGO-HFBR-5911LZALZ Datasheet
387Kb / 12P
   Small Form Factor Optical Transceiver
logo
Delta Electronics, Inc.
LCP-1250RJ3SR DELTA-LCP-1250RJ3SR Datasheet
392Kb / 8P
   RoHS Compliant Copper Small Form-factor Pluggable (SFP) Transceiver for Gigabit Ethernet
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5701L AVAGO-HFBR-5701L Datasheet
231Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit Ethernet (1.25 GBd) and Fibre Channel (1.0625 GBd)
HFBR-5911LZ AVAGO-HFBR-5911LZ Datasheet
387Kb / 12P
   Small Form Factor Optical Transceiver for Gigabit Ethernet (1.25 GBd) and iSCSI
logo
Advantech Co., Ltd.
SFP-FXM-LC ADVANTECH-SFP-FXM-LC Datasheet
175Kb / 1P
   Small Form-factor Pluggable (SFP) Transceiver Modules
logo
TE Connectivity Ltd
408-32215 TEC-408-32215 Datasheet
277Kb / 4P
   Small Form-Factor Pluggable
logo
Delta Electronics, Inc.
LCP-1250A4FSRA DELTA-LCP-1250A4FSRA Datasheet
309Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Gigabit Ethernet and Fiber Channel
logo
TE Connectivity Ltd
408-32217 TEC-408-32217 Datasheet
319Kb / 4P
   Small Form-Factor Pluggable
408-32208 TEC-408-32208 Datasheet
407Kb / 4P
   Small Form-Factor Pluggable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com