Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-5710L Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # HFBR-5710L
Description  Small Form Factor Pluggable Optical Transceiver for Gigabit
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-5710L Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button HFBR-5710L Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-5710L Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-5710L Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFBR-5710L Datasheet HTML 10Page - Agilent(Hewlett-Packard) HFBR-5710L Datasheet HTML 11Page - Agilent(Hewlett-Packard) HFBR-5710L Datasheet HTML 12Page - Agilent(Hewlett-Packard) HFBR-5710L Datasheet HTML 13Page - Agilent(Hewlett-Packard) HFBR-5710L Datasheet HTML 14Page - Agilent(Hewlett-Packard) HFBR-5710L Datasheet HTML 15Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
Figure 8. SFP host board mechanical layout.
2x 1.7
20x 0.5 ± 0.03
0.9
2 ± 0.05 TYP.
0.06 L A S B S
10.53
11.93
20
10
11
PIN 1
20
10
11
PIN 1
0.8
TYP.
10.93
9.6
2x 1.55 ± 0.05
3.2
5
NOTES:
1.PADS AND VIAS ARE CHASSIS GROUND.
2.THROUGH HOLES, PLATING OPTIONAL.
3.HATCHED AREA DENOTES COMPONENT AND
TRACE KEEPOUT (EXCEPT CHASSIS GROUND).
4.AREA DENOTES COMPONENT KEEPOUT
(TRACES ALLOWED).
DIMENSIONS IN MILLIMETERS
4
3
2
1
1
26.8
5
11x 2.0
3x 10
41.3
42.3
10x 1.05 ± 0.01
16.25
REF.
14.25
11.08
8.58
5.68
11x 2.0
11.93
9.6
4.8
8.48
A
3.68
SEE DETAIL 1
9x 0.95 ± 0.05
2.5
7.1
7.2
2.5
34.5
16.25
MIN. PITCH
Y
X
DETAIL 1
∅ 0.85 ± 0.05
PCB
EDGE
0.06 S A S B S
∅ 0.1 L A S B S
∅ 0.1 L X A S
∅ 0.1 S X A S
∅ 0.1 S X Y
3x 10
B


Similar Part No. - HFBR-5710L

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HFBR-5710L BOARDCOM-HFBR-5710L Datasheet
820Kb / 25P
   1000BASE-T Small Form Pluggable Low Voltage (3.3 V) Electrical Transceiver over Category 5 Unshielded Twisted Pair Cable
More results

Similar Description - HFBR-5710L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-57V6USZ AVAGO-AFCT-57V6USZ Datasheet
524Kb / 22P
   Small Form Factor Pluggable (SFP) LC Optical Transceiver
HFBR-5911LZALZ AVAGO-HFBR-5911LZALZ Datasheet
387Kb / 12P
   Small Form Factor Optical Transceiver
logo
Delta Electronics, Inc.
LCP-1250RJ3SR DELTA-LCP-1250RJ3SR Datasheet
392Kb / 8P
   RoHS Compliant Copper Small Form-factor Pluggable (SFP) Transceiver for Gigabit Ethernet
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5701L AVAGO-HFBR-5701L Datasheet
231Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit Ethernet (1.25 GBd) and Fibre Channel (1.0625 GBd)
HFBR-5911LZ AVAGO-HFBR-5911LZ Datasheet
387Kb / 12P
   Small Form Factor Optical Transceiver for Gigabit Ethernet (1.25 GBd) and iSCSI
logo
Advantech Co., Ltd.
SFP-FXM-LC ADVANTECH-SFP-FXM-LC Datasheet
175Kb / 1P
   Small Form-factor Pluggable (SFP) Transceiver Modules
logo
TE Connectivity Ltd
408-32215 TEC-408-32215 Datasheet
277Kb / 4P
   Small Form-Factor Pluggable
logo
Delta Electronics, Inc.
LCP-1250A4FSRA DELTA-LCP-1250A4FSRA Datasheet
309Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Gigabit Ethernet and Fiber Channel
logo
TE Connectivity Ltd
408-32217 TEC-408-32217 Datasheet
319Kb / 4P
   Small Form-Factor Pluggable
408-32208 TEC-408-32208 Datasheet
407Kb / 4P
   Small Form-Factor Pluggable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com