Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-5710L Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HFBR-5710L
Description  Small Form Factor Pluggable Optical Transceiver for Gigabit
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-5710L Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HFBR-5710L Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR-5710L Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-5710L Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-5710L Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-5710L Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-5710L Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-5710L Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFBR-5710L Datasheet HTML 10Page - Agilent(Hewlett-Packard) HFBR-5710L Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
Table 5. Transceiver Electrical Characteristics (TC = 0°C to 70°C, VCCT,R = 3.3 V ± 5%)
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
Module Supply Current
ICC
160
220
mA
Power Dissipation
PDISS
530
765
mW
Power Supply Noise
PSNR
100
mVPP
1
Rejection (peak-peak)
Data Input:
Transmitter Differential
VI
500
1660
mVPP
2
Input Voltage (TD +/–)
Data Output:
Receiver Differential
VO
370
1500
2000
mVPP
3
Output Voltage (RD +/–)
Receive Data Rise & Fall
Trf
220
ps
Times
Sense Outputs:
Transmit Fault
VOH
2.0
VCC
V
[TX_FAULT,
Loss of Signal (LOS),
MOD_DEF2]
VOL
0
0.8
V
Control Inputs:
Transmitter Disable
VIH
2.0
VCC
V
[TX_DISABLE,
MOD_DEF1,2]
VIL
0
0.8
V
Table 3. Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Unit
Notes
Ambient Storage Temperature
Ts
–40
+100
°C1
(Non-Operating)
Case Temperature
TC
–40
+85
°C1
Relative Humidity
RH
5
95
%
1
Supply Voltage
VCCT,R
–0.5
3.6
V
1
Voltage at any Input Pin
VIH
–0.5
VCC
V1
Sense Output Current – LOS, TX Fault
ID
150
mA
1
Sense Output Current – MOD_DEF2
ID
5
mA
1
Table 4. Recommended Operating Conditions
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
Case Temperature
TC
025
70
°C
1, 2
Supply Voltage
VCC
3.135
3.3
3.465
V
1
Date Rate
1.25
Gb/s
1
Notes:
1. Recommended Operating Conditions are those within which functional performance within data sheet characteristics is intended.
2. Refer to the Reliability Data Sheet for specific reliability performance predictions.
Notes:
1. Measured at the input of the required MSA Filter on host board.
2. Internally AC coupled and terminated to 100
Ω differential load.
3. Internally AC coupled, but requires a 100 ohm differential termination at or internal to Serializer/Deserializer.
Notes:
1. Absolute Maximum Ratings are those values beyond which damage to the device may occur if these limits are exceeded. See Reliability Data Sheet for
specific reliability performance.
2. Between Absolute Maximum Ratings and the Recommended Operating Conditions functional performance is not intended, device reliability is not
implied, and damage to the device may occur.


Similar Part No. - HFBR-5710L

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HFBR-5710L BOARDCOM-HFBR-5710L Datasheet
820Kb / 25P
1000BASE-T Small Form Pluggable Low Voltage (3.3 V) Electrical Transceiver over Category 5 Unshielded Twisted Pair Cable
More results

Similar Description - HFBR-5710L

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LCP-1250A4FSRA DELTA-LCP-1250A4FSRA Datasheet
309Kb / 12P
RoHS Compliant Small Form Factor Pluggable Transceiver for Gigabit Ethernet and Fiber Channel
LCP-1250RJ3SR DELTA-LCP-1250RJ3SR Datasheet
392Kb / 8P
RoHS Compliant Copper Small Form-factor Pluggable (SFP) Transceiver for Gigabit Ethernet
logo
Advantech Co., Ltd.
SFP-FXM-LC ADVANTECH-SFP-FXM-LC Datasheet
175Kb / 1P
Small Form-factor Pluggable (SFP) Transceiver Modules
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5911LZ AVAGO-HFBR-5911LZ Datasheet
387Kb / 12P
Small Form Factor Optical Transceiver for Gigabit Ethernet (1.25 GBd) and iSCSI
HFBR-5911LZALZ AVAGO-HFBR-5911LZALZ Datasheet
387Kb / 12P
Small Form Factor Optical Transceiver
logo
TE Connectivity Ltd
408-32208 TEC-408-32208 Datasheet
407Kb / 4P
Small Form-Factor Pluggable
408-32215 TEC-408-32215 Datasheet
277Kb / 4P
Small Form-Factor Pluggable
408-32217 TEC-408-32217 Datasheet
319Kb / 4P
Small Form-Factor Pluggable
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5701L AVAGO-HFBR-5701L Datasheet
231Kb / 15P
Small Form Factor Pluggable Optical Transceiver for Gigabit Ethernet (1.25 GBd) and Fibre Channel (1.0625 GBd)
AFCT-57V6USZ AVAGO-AFCT-57V6USZ Datasheet
524Kb / 22P
Small Form Factor Pluggable (SFP) LC Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com