Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENT-610M Datasheet(PDF) 1 Page - VIA Technologies, Inc.

Part # ENT-610M
Description  Starter Kits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

ENT-610M Datasheet(HTML) 1 Page - VIA Technologies, Inc.

  ENT-610M Datasheet HTML 1Page - VIA Technologies, Inc. ENT-610M Datasheet HTML 2Page - VIA Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VIA
ENT-610M
All-in-one touch panel
starter kit for In-vehicle
infotainment and digital
signage applications
Starter Kits
Features
„ 1.0GHz VIA Cortex-A9 dual-
core SoC
„ Wide input voltage range
supporting 9~36V DC-in
„ Lockable connectors
„ Optional Wi-Fi support
„ Optional 10.1" projective
capacitive touch screen
support
Specifications
ENT-610M
Processor
1.0GHz VIA Cortex-A9 dual-core SoC
System Memory
512MB DDR3 SDRAM
Storage
4GB eMMC Flash memory
Boot Loader
4MB SPI Flash ROM
Graphics
Mali-400 dual processor GPU
2 integrated, independent 3D/2D graphics processing units
Graphics engine supporting OpenGL® ES 2.0 hardware acceleration
Supports MPEG-2, VC-1 and H.264 video decoding up to 1080p
LAN
ASIX AX88772CLF USB to 10/100Mbps Ethernet controller
Audio
VIA VT1603 SPI Audio Codec
Touch Screen
ZEITEC ZET6223WTA Projective capacitive touch screen controller
Onboard I/O
1 USB connector for optional USB Wi-Fi module
1 Single-Channel 18/24-bit LVDS panel connector
2 GPIO connectors for system buttons
1 PCAP touch screen connector
1 10/100Mbps Ethernet connector
1 Audio connector (supports Line-out)
1 DC-in connector
External I/O
1 USB 2.0 port
1 Micro SD card slot
Operating System
Android 4.2
Power Supply
9~36V DC-in
Operating Temperature
0°C ~ 45°C
Operating Humidity
0% ~ 90% (relative humidity; non-condensing)
Form Factor
17.5cm x 12.0cm (6.87" x 4.72")
Board Placement
eMMC
Micro SD Card Slot
DDR3 SDRAM
VIA Cortex-A9 Dual-Core SoC
Audio Line-out
Ethernet
Touch Screen Connector
10.1" LVDS LCD
USB 2.0
WLAN USB
DC-in
2-channel GPIO
2-channel GPIO
Console Port (TX/RX)


Similar Part No. - ENT-610M

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ENT-DC-30 PF-ENT-DC-30 Datasheet
563Kb / 2P
   Ex i power supply
More results

Similar Description - ENT-610M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR91X-SK STMICROELECTRONICS-STR91X-SK Datasheet
194Kb / 4P
   Keil starter kits for STR7 and STR9
STM32W-SK STMICROELECTRONICS-STM32W-SK Datasheet
83Kb / 4P
   Starter and extension kits for STM32W108xx microcontrollers
STL40N75LF3 STMICROELECTRONICS-STL40N75LF3 Datasheet
135Kb / 5P
   Keil starter kits for ST ARM core-based microcontrollers
STM32-SK-IAR STMICROELECTRONICS-STM32-SK-IAR Datasheet
86Kb / 5P
   IAR??starter kits for ST ARM core-based microcontrollers
STM32-SK STMICROELECTRONICS-STM32-SK Datasheet
88Kb / 5P
   Hitex starter kits for ST ARM core-based microcontrollers
ST7XXXX-SK STMICROELECTRONICS-ST7XXXX-SK Datasheet
76Kb / 4P
   Raisonance?셲 complete, low-cost starter kits for ST7
STM3210B-SK STMICROELECTRONICS-STM3210B-SK Datasheet
69Kb / 5P
   IAR starter kits for ST ARM core-based microcontrollers
ST72321B-D STMICROELECTRONICS-ST72321B-D Datasheet
220Kb / 6P
   Raisonances complete, low-cost starter kits for STM8 and ST7
STM8-SK STMICROELECTRONICS-STM8-SK Datasheet
165Kb / 6P
   Raisonance?셲 complete, low-cost starter kits for STM8 and ST7
STR91X-SK STMICROELECTRONICS-STR91X-SK_1 Datasheet
187Kb / 4P
   IAR?셲 complete, low cost starter kits for STR7 and STR9
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com