Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENT-610M Datasheet(PDF) 2 Page - VIA Technologies, Inc.

Part # ENT-610M
Description  Starter Kits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

ENT-610M Datasheet(HTML) 2 Page - VIA Technologies, Inc.

  ENT-610M Datasheet HTML 1Page - VIA Technologies, Inc. ENT-610M Datasheet HTML 2Page - VIA Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
* All product specifications are subject to change without notice. Update: Mar. 10, 2016.
www.viatech.com
Accessories
Micro SD Card Slot
USB 2.0
External Panel I/O
Ordering Information
Part Number
CPU Frequency
Description
10GCX12630020
VIA Cortex-A9 SoC @
1.0GHz
ENT-610M board with 1.0GHz VIA Cortex-A9 SoC, 4GB eMMC, 512KB SPI Flash ROM, 512MB
DDR3 SDRAM, LVDS, Touch screen connector, USB 2.0, 10/100Mbps Ethernet, Micro SD card
slot, 9 ~ 36V DC-in
Optional Accessories
LVDS LCD Panel
Part Number
Description
99-47-02033A
10.1" LVDS LCD panel (1024x600) with LVDS cable
99-47-030072
10.1" Projective capacitive touch screen with touch screen cable
Wireless Modules
Part Number
Description
EMIO-1533-00A2
VNT9271 IEEE 802.11 b/g/n USB Wi-Fi module with assembly kit
EMIO-1533 USB Wi-Fi Module
802.11b/g/n standards
10.1" LVDS LCD Panel
(1024 x 600)
10.1" Projective Capacitive Touch Screen
Block Diagram
LVDS
SMI
I2C
USB Host
USB Host
USB Host
UART
GPIO
I2S
Serial Flash
Power Rail
Single-Channel
LVDS
512MB DDR3
SDRAM
SD MMC
4GB eMMC
SDIO
Micro SD
Card Slot
Touch Screen
Connector
(PCAP)
10/100Mbps
LAN Connector
USB Port
USB Connector
for EMIO-1533
RS-232 COM
(TX/RX)
Console Port
2 x GPIO
Connectors
Line-out
VT1603A
Audio Codec
WM8980
Cortex A9
1.0GHz Dual
SPI
9~36V DC-in
Switching
Regulators
Packing List
Items
ENT-610M board
DC power cable
Ethernet/DC Power/Audio converter
board
Ethernet/DC power cable
Audio cable


Similar Part No. - ENT-610M

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ENT-DC-30 PF-ENT-DC-30 Datasheet
563Kb / 2P
   Ex i power supply
More results

Similar Description - ENT-610M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR91X-SK STMICROELECTRONICS-STR91X-SK Datasheet
194Kb / 4P
   Keil starter kits for STR7 and STR9
STM32W-SK STMICROELECTRONICS-STM32W-SK Datasheet
83Kb / 4P
   Starter and extension kits for STM32W108xx microcontrollers
STL40N75LF3 STMICROELECTRONICS-STL40N75LF3 Datasheet
135Kb / 5P
   Keil starter kits for ST ARM core-based microcontrollers
STM32-SK-IAR STMICROELECTRONICS-STM32-SK-IAR Datasheet
86Kb / 5P
   IAR??starter kits for ST ARM core-based microcontrollers
STM32-SK STMICROELECTRONICS-STM32-SK Datasheet
88Kb / 5P
   Hitex starter kits for ST ARM core-based microcontrollers
ST7XXXX-SK STMICROELECTRONICS-ST7XXXX-SK Datasheet
76Kb / 4P
   Raisonance?셲 complete, low-cost starter kits for ST7
STM3210B-SK STMICROELECTRONICS-STM3210B-SK Datasheet
69Kb / 5P
   IAR starter kits for ST ARM core-based microcontrollers
ST72321B-D STMICROELECTRONICS-ST72321B-D Datasheet
220Kb / 6P
   Raisonances complete, low-cost starter kits for STM8 and ST7
STM8-SK STMICROELECTRONICS-STM8-SK Datasheet
165Kb / 6P
   Raisonance?셲 complete, low-cost starter kits for STM8 and ST7
STR91X-SK STMICROELECTRONICS-STR91X-SK_1 Datasheet
187Kb / 4P
   IAR?셲 complete, low cost starter kits for STR7 and STR9
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com