Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT79325 Datasheet(PDF) 1 Page - Maxic Technology Corporation

Part # MT79325
Description  Single Stage, Low THD, AC-DC LED Driver
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIC [Maxic Technology Corporation]
Direct Link  http://www.maxictech.com/
Logo MAXIC - Maxic Technology Corporation

MT79325 Datasheet(HTML) 1 Page - Maxic Technology Corporation

  MT79325 Datasheet HTML 1Page - Maxic Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MT79325
Maximizing IC Performance
Single Stage, Low THD, AC-DC LED Driver
Email: sales@maxictech.com
www.maxictech.com
Rev. 1.05
Tel: 86-10-62662828
Copyright © 2016 Maxic Technology Corporation
Page 1
DESCRIPTION
The MT79325 is a single-stage, primary side
control AC-DC LED driver with active power
factor correction. The MT79325 integrates
on-chip PFC circuit operates in discontinuous
conduction mode (DCM) to achieve high power
factor and low harmonic distortion (THD). With
MAXIC Proprietary control technique, precision
LED current is achieved without secondary side
sense
and
feedback
circuit
including
opto-coupler.
Embedded with 700V power MOSFET, the
peripheral circuit is simplified.
The MT79325 provides various protections, such
as over current protection (OCP), over voltage
protection (OVP), short circuit protection (SCP)
and over temperature protection (OTP), etc, to
improve system reliability.
FEATURES
Single-stage Active PFC for high power
factor and low THD (<8%)
Primary side control eliminates opto-coupler
High precision LED current (±3%)
Cycle-by-cycle current limiting
Under-voltage lockout (UVLO) protection
VDD and output over voltage protection
Adjustable constant current and output
power setting
Power on soft-start
Embedded with 700V power MOSFET
Available in DIP8 package
APPLICATIONS
AC/DC LED driver applications
Signal and decorative LED lighting
E27/PAR30/PAR38/GU10 LED lamp
T8/T10 LED String
Typical Application Circuit


Similar Part No. - MT79325

ManufacturerPart #DatasheetDescription
logo
Maxic Technology Corpor...
MT7932 MAXIC-MT7932 Datasheet
181Kb / 1P
Single Stage, Low THD, AC-DC LED Driver
MT79328 MAXIC-MT79328 Datasheet
172Kb / 1P
Single Stage, Low THD, AC-DC LED Driver
More results

Similar Description - MT79325

ManufacturerPart #DatasheetDescription
logo
Maxic Technology Corpor...
MT79328 MAXIC-MT79328 Datasheet
172Kb / 1P
Single Stage, Low THD, AC-DC LED Driver
MT7932 MAXIC-MT7932 Datasheet
181Kb / 1P
Single Stage, Low THD, AC-DC LED Driver
logo
Taiwan Semiconductor Co...
TS19730 TSC-TS19730 Datasheet
361Kb / 7P
Single-Stage Low THD Buck-Boost PWM Control LED Driver
logo
Maxic Technology Corpor...
MT79335 MAXIC-MT79335 Datasheet
173Kb / 1P
Single Stage, High PFC, AC-DC LED Driver
MT7933 MAXIC-MT7933 Datasheet
180Kb / 1P
Single Stage, High PFC, AC-DC LED Driver
MT7939 MAXIC-MT7939 Datasheet
82Kb / 1P
Single Stage, High PFC, AC-DC LED Driver
MT7930 MAXIC-MT7930 Datasheet
151Kb / 1P
Single Stage, High PFC, AC-DC LED Driver
MT79338 MAXIC-MT79338 Datasheet
172Kb / 1P
Single Stage, High PFC, AC-DC LED Driver
MT79332 MAXIC-MT79332 Datasheet
173Kb / 1P
Single Stage, High PFC, AC-DC LED Driver
logo
SHOUDING Shouding Semic...
SD7933 SHOUDING-SD7933 Datasheet
1Mb / 6P
Single Stage, High PFC, AC-DC LED Driver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com