Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XL4015 Datasheet(PDF) 2 Page - XLSEMI

Part # XL4015
Description  5A 180KHz 36V Buck DC to DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XLSEMI [XLSEMI]
Direct Link  http://www.xlsemi.com/
Logo XLSEMI - XLSEMI

XL4015 Datasheet(HTML) 2 Page - XLSEMI

  XL4015 Datasheet HTML 1Page - XLSEMI XL4015 Datasheet HTML 2Page - XLSEMI XL4015 Datasheet HTML 3Page - XLSEMI XL4015 Datasheet HTML 4Page - XLSEMI XL4015 Datasheet HTML 5Page - XLSEMI XL4015 Datasheet HTML 6Page - XLSEMI XL4015 Datasheet HTML 7Page - XLSEMI XL4015 Datasheet HTML 8Page - XLSEMI XL4015 Datasheet HTML 9Page - XLSEMI Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Datasheet
5A 180KHz 36V Buck DC to DC Converter
XL4015
Rev 1.5
www.xlsemi.com
2
Pin Configurations
Figure2. Pin Configuration of XL4015 (Top View)
Table 1 Pin Description
Pin Number
Pin Name
Description
1
GND
Ground Pin. Care must be taken in layout. This pin should be
placed outside of the Schottky Diode to output capacitor
ground path to prevent switching current spikes from inducing
voltage noise into XL4015.
2
FB
Feedback Pin (FB). Through an external resistor divider
network, FB senses the output voltage and regulates it. The
feedback threshold voltage is 1.25V.
3
SW
Power Switch Output Pin (SW). SW is the switch node that
supplies power to the output.
4
VC
Internal Voltage Regulator Bypass Capacity. In typical system
application, The VC pin connect a 1uf capacity to VIN.
5
VIN
Supply Voltage Input Pin. XL4015 operates from a 8V to 36V
DC voltage. Bypass Vin to GND with a suitably large
capacitor to eliminate noise on the input.


Similar Part No. - XL4015

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XL4015 ETC2-XL4015 Datasheet
241Kb / 10P
   5A 180KHz 36V Buck DC to DC Converter
XL4015E1 ETC2-XL4015E1 Datasheet
241Kb / 10P
   5A 180KHz 36V Buck DC to DC Converter
More results

Similar Description - XL4015

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM3105 HMSEMI-HM3105 Datasheet
474Kb / 9P
   5A 180KHz 36V Buck DC to DC Converter
logo
List of Unclassifed Man...
XL4015 ETC2-XL4015 Datasheet
241Kb / 10P
   5A 180KHz 36V Buck DC to DC Converter
logo
XLSEMI
XL4013 XLSEMI-XL4013 Datasheet
338Kb / 10P
   4A 180KHz 36V Buck DC to DC Converter
logo
List of Unclassifed Man...
XL4013 ETC2-XL4013 Datasheet
338Kb / 10P
   4A 180KHz 36V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM3103 HMSEMI-HM3103 Datasheet
503Kb / 9P
   4A 180KHz 36V Buck DC to DC Converter
logo
List of Unclassifed Man...
XL2009 ETC2-XL2009 Datasheet
243Kb / 9P
   3A 180KHz 36V Buck DC to DC Converter With CV/CC Loop
logo
XLSEMI
XL2009 XLSEMI-XL2009 Datasheet
183Kb / 9P
   3A 180KHz 36V Buck DC to DC Converter With CV/CC Loop
logo
Shenzhen Huazhimei Semi...
HM3108 HMSEMI-HM3108 Datasheet
651Kb / 9P
   3.5A 180KHz 36V Buck DC to DC Converter With CV/CC Loop
HM3104 HMSEMI-HM3104 Datasheet
710Kb / 12P
   5A 240KHZ 36V PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD7590 TECHCODE-TD7590 Datasheet
427Kb / 13P
   5A 240KHZ 36V PWM Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com