Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XL4015 Datasheet(PDF) 1 Page - XLSEMI

Part # XL4015
Description  5A 180KHz 36V Buck DC to DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XLSEMI [XLSEMI]
Direct Link  http://www.xlsemi.com/
Logo XLSEMI - XLSEMI

XL4015 Datasheet(HTML) 1 Page - XLSEMI

  XL4015 Datasheet HTML 1Page - XLSEMI XL4015 Datasheet HTML 2Page - XLSEMI XL4015 Datasheet HTML 3Page - XLSEMI XL4015 Datasheet HTML 4Page - XLSEMI XL4015 Datasheet HTML 5Page - XLSEMI XL4015 Datasheet HTML 6Page - XLSEMI XL4015 Datasheet HTML 7Page - XLSEMI XL4015 Datasheet HTML 8Page - XLSEMI XL4015 Datasheet HTML 9Page - XLSEMI Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Datasheet
5A 180KHz 36V Buck DC to DC Converter
XL4015
Rev 1.5
www.xlsemi.com
1
Features
Wide 8V to 36V Input Voltage Range
Output Adjustable from 1.25V to 32V
Maximum Duty Cycle 100%
Minimum Drop Out 0.3V
Fixed 180KHz Switching Frequency
5A Constant Output Current Capability
Internal Optimize Power MOSFET
High efficiency up to 96%
Excellent line and load regulation
Built in thermal shutdown function
Built in current limit function
Built in output short protection function
Available in TO263-5L package
Applications
LCD Monitor and LCD TV
Portable instrument power supply
Telecom / Networking Equipment
General Description
The XL4015 is a 180 KHz fixed frequency
PWM buck (step-down) DC/DC converter,
capable of driving a 5A load with high
efficiency, low ripple and excellent line and
load regulation. Requiring a minimum
number of external components, the regulator
is simple to use and include internal
frequency
compensation
and
a
fixed-frequency oscillator.
The PWM control circuit is able to adjust the
duty ratio linearly from 0 to 100%. An over
current protection function is built inside.
When short protection function happens, the
operation frequency will be reduced from
180KHz to 48KHz. An internal compensation
block is built in to minimize external
component count.
Figure1. Package Type of XL4015


Similar Part No. - XL4015

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XL4015 ETC2-XL4015 Datasheet
241Kb / 10P
5A 180KHz 36V Buck DC to DC Converter
XL4015E1 ETC2-XL4015E1 Datasheet
241Kb / 10P
5A 180KHz 36V Buck DC to DC Converter
More results

Similar Description - XL4015

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XL2009 ETC2-XL2009 Datasheet
243Kb / 9P
3A 180KHz 36V Buck DC to DC Converter With CV/CC Loop
XL4013 ETC2-XL4013 Datasheet
338Kb / 10P
4A 180KHz 36V Buck DC to DC Converter
XL4015 ETC2-XL4015 Datasheet
241Kb / 10P
5A 180KHz 36V Buck DC to DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD7590 TECHCODE-TD7590 Datasheet
427Kb / 13P
5A 240KHZ 36V PWM Buck DC/DC Converter
logo
XLSEMI
XL2009 XLSEMI-XL2009 Datasheet
183Kb / 9P
3A 180KHz 36V Buck DC to DC Converter With CV/CC Loop
XL4013 XLSEMI-XL4013 Datasheet
338Kb / 10P
4A 180KHz 36V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM3105 HMSEMI-HM3105 Datasheet
474Kb / 9P
5A 180KHz 36V Buck DC to DC Converter
HM3104 HMSEMI-HM3104 Datasheet
710Kb / 12P
5A 240KHZ 36V PWM Buck DC/DC Converter
HM3103 HMSEMI-HM3103 Datasheet
503Kb / 9P
4A 180KHz 36V Buck DC to DC Converter
HM3108 HMSEMI-HM3108 Datasheet
651Kb / 9P
3.5A 180KHz 36V Buck DC to DC Converter With CV/CC Loop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com