Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XL4015 Datasheet(PDF) 4 Page - XLSEMI

Part # XL4015
Description  5A 180KHz 36V Buck DC to DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XLSEMI [XLSEMI]
Direct Link  http://www.xlsemi.com/
Logo XLSEMI - XLSEMI

XL4015 Datasheet(HTML) 4 Page - XLSEMI

  XL4015 Datasheet HTML 1Page - XLSEMI XL4015 Datasheet HTML 2Page - XLSEMI XL4015 Datasheet HTML 3Page - XLSEMI XL4015 Datasheet HTML 4Page - XLSEMI XL4015 Datasheet HTML 5Page - XLSEMI XL4015 Datasheet HTML 6Page - XLSEMI XL4015 Datasheet HTML 7Page - XLSEMI XL4015 Datasheet HTML 8Page - XLSEMI XL4015 Datasheet HTML 9Page - XLSEMI Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Datasheet
5A 180KHz 36V Buck DC to DC Converter
XL4015
Rev 1.5
www.xlsemi.com
4
Ordering Information
Order Information
Marking ID
Package Type
Packing Type Supplied As
XL4015E1
XL4015E1
TO263-5L
800 Units on Tape & Reel
XLSEMI Pb-free products, as designated with “E1” suffix in the par number, are RoHS compliant.
Absolute Maximum Ratings(Note1)
Parameter
Symbol
Value
Unit
Input Voltage
Vin
-0.3 to 40
V
Feedback Pin Voltage
VFB
-0.3 to Vin
V
Output Switch Pin Voltage
VOutput
-0.3 to Vin
V
Power Dissipation
PD
Internally limited
mW
Thermal Resistance (TO263-5L)
(Junction to Ambient, No Heatsink, Free Air)
RJA
30
ºC/W
Operating Junction Temperature
TJ
-40 to 125
ºC
Storage Temperature
TSTG
-65 to 150
ºC
Lead Temperature (Soldering, 10 sec)
TLEAD
260
ºC
ESD (HBM)
>2000
V
Note1: Stresses greater than those listed under Maximum Ratings may cause permanent damage
to the device. This is a stress rating only and functional operation of the device at these or any
other conditions above those indicated in the operation is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.


Similar Part No. - XL4015

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XL4015 ETC2-XL4015 Datasheet
241Kb / 10P
   5A 180KHz 36V Buck DC to DC Converter
XL4015E1 ETC2-XL4015E1 Datasheet
241Kb / 10P
   5A 180KHz 36V Buck DC to DC Converter
More results

Similar Description - XL4015

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM3105 HMSEMI-HM3105 Datasheet
474Kb / 9P
   5A 180KHz 36V Buck DC to DC Converter
logo
List of Unclassifed Man...
XL4015 ETC2-XL4015 Datasheet
241Kb / 10P
   5A 180KHz 36V Buck DC to DC Converter
logo
XLSEMI
XL4013 XLSEMI-XL4013 Datasheet
338Kb / 10P
   4A 180KHz 36V Buck DC to DC Converter
logo
List of Unclassifed Man...
XL4013 ETC2-XL4013 Datasheet
338Kb / 10P
   4A 180KHz 36V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM3103 HMSEMI-HM3103 Datasheet
503Kb / 9P
   4A 180KHz 36V Buck DC to DC Converter
logo
List of Unclassifed Man...
XL2009 ETC2-XL2009 Datasheet
243Kb / 9P
   3A 180KHz 36V Buck DC to DC Converter With CV/CC Loop
logo
XLSEMI
XL2009 XLSEMI-XL2009 Datasheet
183Kb / 9P
   3A 180KHz 36V Buck DC to DC Converter With CV/CC Loop
logo
Shenzhen Huazhimei Semi...
HM3108 HMSEMI-HM3108 Datasheet
651Kb / 9P
   3.5A 180KHz 36V Buck DC to DC Converter With CV/CC Loop
HM3104 HMSEMI-HM3104 Datasheet
710Kb / 12P
   5A 240KHZ 36V PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD7590 TECHCODE-TD7590 Datasheet
427Kb / 13P
   5A 240KHZ 36V PWM Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com