Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DK1208 Datasheet(PDF) 3 Page - Linkage Goston Electronics Co., LTD

Part # DK1208
Description  12 W High Performance Resonance Switch Power Control chip
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKAGE [Linkage Goston Electronics Co., LTD]
Direct Link  http://www.linkage.cn/
Logo LINKAGE - Linkage Goston Electronics Co., LTD

DK1208 Datasheet(HTML) 3 Page - Linkage Goston Electronics Co., LTD

  DK1208 Datasheet HTML 1Page - Linkage Goston Electronics Co., LTD DK1208 Datasheet HTML 2Page - Linkage Goston Electronics Co., LTD DK1208 Datasheet HTML 3Page - Linkage Goston Electronics Co., LTD DK1208 Datasheet HTML 4Page - Linkage Goston Electronics Co., LTD DK1208 Datasheet HTML 5Page - Linkage Goston Electronics Co., LTD DK1208 Datasheet HTML 6Page - Linkage Goston Electronics Co., LTD DK1208 Datasheet HTML 7Page - Linkage Goston Electronics Co., LTD DK1208 Datasheet HTML 8Page - Linkage Goston Electronics Co., LTD DK1208 Datasheet HTML 9Page - Linkage Goston Electronics Co., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DK1208——12W 高性能准谐振开关电源控制芯片
电气参数
项目符号
测试条件
最小
典型
最大
单位
工作电压VCC
AC 输入85V-----265V
4.5
4.7
5.8
V
启动电压VCC_Start
AC 输入85V-----265V
4.9
5.0
5.2
V
重启电压VCC_Min
AC 输入85V-----265V
3.4
3.5
3.7
V
保护电压VCC_Max
AC 输入85V-----265V
5.7
5.8
6.0
V
工作电流I
VCC=4.7V,FB=2.8V
40
mA
启动电流I_Start
AC 输入265V
0.5
mA
启动时间T_Start
AC 输入85V,C=22uF
---
---
500
ms
功率管耐压
Ioc=1mA
700
---
---
V
Vor保护电压Vor_Max
Lp=1.68mH,RS=0.57
100
133
160
V
IS 最大电压 Vlim
VCC=4.7V,FB=2.8V, AC 输入85V
360
380
400
mV
PWM输出频率F_PWM
VCC=4.7V,FB=0.5V---3.5V
20
-
70
Khz
短路保护阀值Vfb_H
FB电压
3.4
3.5
3.6
V
待机阀值电压Vfb_L
FB电压
0.4
0.5
0.6
V
温度保护
结温
120
130
140
前沿消隐时间Ton_Leb
VCC=4.7V
250
ns
最小开通时间Ton_Min
VCC=4.7V
500
ns
最大开通时间Ton_Max
VCC=4.7V,FB=2.8V, AC 输入 85V
15
Us
最小关闭时间
Toff_Min
VCC=4.7V,FB=2.8V, AC 输入 85V
8
us
待机功耗
80
mW
内置电阻最大Ip电流
IS接地
700
mA
- 3 -
注:如需最新资料或技术支持,请与我们联系
sale@linkage.cn
业务电话:400-033-6518
www.linkage.cn


Similar Part No. - DK1208

ManufacturerPart #DatasheetDescription
logo
Linkage Goston Electron...
DK1203 LINKAGE-DK1203 Datasheet
3Mb / 6P
   Low power off-line switch power control chip
More results

Similar Description - DK1208

ManufacturerPart #DatasheetDescription
logo
Linkage Goston Electron...
AM22A LINKAGE-AM22A Datasheet
5Mb / 14P
   High Performance Switch Power Control ChIp
DK106 LINKAGE-DK106 Datasheet
5Mb / 14P
   High Performance Switch Power Control ChIp
LNK301P LINKAGE-LNK301P Datasheet
6Mb / 13P
   High Performance Switch Power Control ChIp
LNK301D LINKAGE-LNK301D Datasheet
5Mb / 13P
   High Performance Switch Power Control ChIp
LNK306D LINKAGE-LNK306D Datasheet
9Mb / 14P
   High Performance Switch Power Control ChIp
logo
Jingjing Microelectroni...
EG1120 EGMICRO-EG1120 Datasheet
457Kb / 10P
   HIgh-Performance ExclusIon PWM Control Switch
logo
Shenzhen Huazhimei Semi...
HM5011 HMSEMI-HM5011 Datasheet
610Kb / 10P
   High-performance, low-cost offline PWM control power switch
logo
NEC
UPG2156TB NEC-UPG2156TB Datasheet
97Kb / 8P
   L-BAND 4 W SINGLE CONTROL HIGH POWER SPDT SWITCH
logo
Shenzhen Huazhimei Semi...
HM2710 HMSEMI-HM2710 Datasheet
895Kb / 9P
   High performance, low cost offline PWM control switch
logo
Bourns Electronic Solut...
54AAD-C28-B15 BOURNS-54AAD-C28-B15 Datasheet
356Kb / 4P
   Panel Control w/Push-Pull Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com