Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP7102 Datasheet(PDF) 5 Page - Feeling Technology Corp.

Part # FP7102
Description  28V, 2A Buck Constant Current Switching Regulator for White LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP7102 Datasheet(HTML) 5 Page - Feeling Technology Corp.

  FP7102 Datasheet HTML 1Page - Feeling Technology Corp. FP7102 Datasheet HTML 2Page - Feeling Technology Corp. FP7102 Datasheet HTML 3Page - Feeling Technology Corp. FP7102 Datasheet HTML 4Page - Feeling Technology Corp. FP7102 Datasheet HTML 5Page - Feeling Technology Corp. FP7102 Datasheet HTML 6Page - Feeling Technology Corp. FP7102 Datasheet HTML 7Page - Feeling Technology Corp. FP7102 Datasheet HTML 8Page - Feeling Technology Corp. FP7102 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
FP7102
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.93
5/12
Ordering Information
Absolute Maximum Ratings
IR Re-flow Soldering Curve
Part Number
Operating Temperature
Package
MOQ
Description
FP7102DR-LF
-25°C ~ +85°C
SOP-8L
2500EA
Tape & Reel
FP7102XR-LF
-25°C ~ +85°C
SOP-8L (EP)
2500EA
Tape & Reel
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Power Supply Voltage
VIN
28
V
Output Source Current
2
A
Error Amplifier Inverting Input
-0.3
+1.2
V
Allowable Dissipation
TA +25
650
mW
Thermal Resistance Junction to
Ambient
θJA
+175
℃ / W
Thermal Resistance Junction to
Case
θJC
+45
℃ / W
ESD Susceptibility
HBM (Human Body Mode)
2
KV
MM (Machine Mode)
200
V
Storage Temperature
-55
+125
Lead Temperature (soldering, 10
sec)
+260


Similar Part No. - FP7102

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
FP7102 APITECH-FP7102 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
More results

Similar Description - FP7102

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9284A RICHTEK-RT9284A Datasheet
261Kb / 14P
Tiny Package, High Performance, Constant Current Switching Regulator for White LED
logo
Kingbor Technology Co
KB4312 KINGBOR-KB4312 Datasheet
181Kb / 9P
Tiny Package, High Performance, Constant Current Switching Regulator for White LED
logo
Semtech Corporation
SC4524A SEMTECH-SC4524A_08 Datasheet
776Kb / 19P
28V 2A Step-Down Switching Regulator
logo
Lowpower Semiconductor ...
LP3303 POWER-LP3303 Datasheet
375Kb / 7P
High Performance, Constant Current Switching Regulator For 9PCS White LED
logo
Texas Instruments
LM34922 TI1-LM34922 Datasheet
346Kb / 17P
28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
LM34922 TI-LM34922_15 Datasheet
1Mb / 19P
28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
LM3405 TI1-LM3405_13 Datasheet
1Mb / 29P
Constant Current Buck Regulator
logo
Feeling Technology Corp...
FP7103 FEELING-FP7103 Datasheet
633Kb / 12P
28V, 3A Buck Constant Current Switching Regulator for White LED
FP7201 FEELING-FP7201 Datasheet
770Kb / 14P
Constant Current Switching Regulator for White LED
logo
Lowpower Semiconductor ...
LP3310 POWER-LP3310 Datasheet
388Kb / 9P
High Performance, Constant Current Switching Regulator For 8PCS White LED In Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com