Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM324-TR Datasheet(PDF) 11 Page - 3PEAK INC.

Part # LM324-TR
Description  1.2MHz, Low-Power 36V Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

LM324-TR Datasheet(HTML) 11 Page - 3PEAK INC.

Back Button LM324-TR Datasheet HTML 7Page - 3PEAK INC. LM324-TR Datasheet HTML 8Page - 3PEAK INC. LM324-TR Datasheet HTML 9Page - 3PEAK INC. LM324-TR Datasheet HTML 10Page - 3PEAK INC. LM324-TR Datasheet HTML 11Page - 3PEAK INC. LM324-TR Datasheet HTML 12Page - 3PEAK INC. LM324-TR Datasheet HTML 13Page - 3PEAK INC. LM324-TR Datasheet HTML 14Page - 3PEAK INC. LM324-TR Datasheet HTML 15Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LM321/LM358/ LM324
1.2MHz, Low-Power 36V Op Amps
www.3peakic.com.cn
Rev. B.01
and types of components, where possible to match the number and type of thermocouple junctions. For example,
dummy components such as zero value resistors can be used to match real resistors in the opposite input path.
Matching components should be located in close proximity and should be oriented in the same manner. Ensure leads
are of equal length so that thermal conduction is in equilibrium. Keep heat sources on the PCB as far away from
amplifier input circuitry as is practical.
The use of a ground plane is highly recommended. A ground plane reduces EMI noise and also helps to maintain a
constant temperature across the circuit board.
Instrumentation Amplifier
The LM321/358/324 OPA is well suited for conditioning sensor signals in battery-powered applications. Figure 4
shows a two op-amp instrumentation amplifier, using the LM321/358/324 OPA.
The circuit works well for applications requiring rejection of Common Mode noise at higher gains. The reference
voltage (VREF) is supplied by a low-impedance source. In single voltage supply applications, VREF is typically VS/2.
VREF
VOUT
RG
R2
R2
R1
R1
V2
V1
11
12
2
2
=(
)(1
)
OUT
REF
G
RR
V
V
V
V
RR
Figure 4
Two-Pole Micro-power Sallen-Key Low-Pass Filter
Figure 5 shows a micro-power two-pole Sallen-Key Low-Pass Filter with 400Hz cut-off frequency.
For best results,
the filter’s cut-off frequency should be 8 to 10 times lower than the OPA’s crossover frequency. Additional OPA’s
phase margin shift can be avoided if the
OPA’s bandwidth-to-signal ratio is greater than 8. The design equations for
the 2-pole Sallen-Key low-pass filter are given below with component values selected to set a 400Hz low-pass filter
cutoff frequency:
R1
1M
Ω
R2
1M
Ω
C1
400pF
C2
400pF
R3
2M
Ω
R4
2M
Ω
VIN
VOUT
12
12
-3dB
3
4
3
4
R = R = R = 1M
C = C = C = 400pF
Q = Filter Peaking Factor = 1
f
= 1/(2
) = 400
R = R /(2-1/Q) ; with Q = 1, R =R
RC
Hz
Figure 5


Similar Part No. - LM324-TR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM324-D14-T UTC-LM324-D14-T Datasheet
111Kb / 6P
   QUAD OPERATIONAL AMPLIFIERS
2005
logo
Texas Instruments
LM324-MIL TI1-LM324-MIL Datasheet
944Kb / 25P
[Old version datasheet]   Quadruple Operational Amplifier
JUNE 2017
LM324-N TI1-LM324-N Datasheet
2Mb / 34P
[Old version datasheet]   Low-Power, Quad-Operational Amplifiers
REVISED JANUARY 2015
LM324-N-MIL TI1-LM324-N-MIL Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Quad-Operational Amplifier
JUNE 2017
logo
Unisonic Technologies
LM324-P14-R UTC-LM324-P14-R Datasheet
111Kb / 6P
   QUAD OPERATIONAL AMPLIFIERS
2005
More results

Similar Description - LM324-TR

ManufacturerPart #DatasheetDescription
logo
3PEAK INC.
LM2904 3PEAK-LM2904 Datasheet
1Mb / 17P
   1.2MHz, Low-Power 36V Op Amps
LM321A 3PEAK-LM321A Datasheet
1Mb / 17P
   36V General Purpose Op Amps
Rev.0.02
LM2904A 3PEAK-LM2904A Datasheet
1Mb / 15P
   36V General Purpose Op Amps
logo
Maxim Integrated Produc...
MAX44244 MAXIM-MAX44244 Datasheet
905Kb / 13P
   36V, Precision, Low-Power, 90μA, Single/Quad/Dual Op Amps
Rev 1; 6/13
MAX44241 MAXIM-MAX44241_V01 Datasheet
875Kb / 13P
   36V, Low-Noise, Precision, Single/Quad/Dual Op Amps
2015
MAX44244 MAXIM-MAX44244_V01 Datasheet
954Kb / 14P
   36V, Precision, Low-Power, 90關A, Single/Quad/Dual Op Amps
2018
logo
3PEAK INC.
TP2261 3PEAK-TP2261 Datasheet
1Mb / 20P
   36V, 3.5MHz, 15V/關s Op Amps
logo
NXP Semiconductors
LM124 PHILIPS-LM124 Datasheet
136Kb / 7P
   Low power quad op amps
1995 Nov 27
logo
Maxim Integrated Produc...
MAX4100 MAXIM-MAX4100 Datasheet
144Kb / 12P
   500MHz, Low-Power Op Amps
19-0436; Rev 1; 3/96
logo
3PEAK INC.
TP2271 3PEAK-TP2271 Datasheet
1Mb / 16P
   36V Single Supply, 7MHz Bandwidth, RRO Op-amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com