Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM324-SR Datasheet(PDF) 4 Page - 3PEAK INC.

Part # LM324-SR
Description  1.2MHz, Low-Power 36V Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

LM324-SR Datasheet(HTML) 4 Page - 3PEAK INC.

  LM324-SR Datasheet HTML 1Page - 3PEAK INC. LM324-SR Datasheet HTML 2Page - 3PEAK INC. LM324-SR Datasheet HTML 3Page - 3PEAK INC. LM324-SR Datasheet HTML 4Page - 3PEAK INC. LM324-SR Datasheet HTML 5Page - 3PEAK INC. LM324-SR Datasheet HTML 6Page - 3PEAK INC. LM324-SR Datasheet HTML 7Page - 3PEAK INC. LM324-SR Datasheet HTML 8Page - 3PEAK INC. LM324-SR Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Rev. B.01
www.3peakic.com.cn
LM321 / LM358 / LM324
1.2MHz, Low-Power 36V Op Amps
Typical Performance Characteristics
VS = ±15V, VCM = 0V, RL = Open, unless otherwise specified.
Offset Voltage Production Distribution
Unity Gain Bandwidth vs. Temperature
Open-Loop Gain and Phase
Input Voltage Noise Spectral Density
Input Bias Current vs. Temperature
Input Bias Current vs. Input Common Mode Voltage
0
200
400
600
800
1000
1200
Offset Voltage(mV)
Number = 15200pcs
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature(℃)
-100
-50
0
50
100
150
200
-100
-50
0
50
100
150
0.01
1
100
10k
1M
Frequency (Hz)
1
10
100
1000
1
10
100
1k
10k
100k
1M
Frequency(Hz)
V
S= +5V
R
L= 1MΩ
C
L = 30pF
10
100
1000
10000
-40
-20
0
20
40
60
80
100
120
Temperature(℃)
1
10
100
1000
8
12
16
20
24
28
Common Mode Voltage(V)
V
S= +36V
R
L= 1MΩ
C
L = 30pF


Similar Part No. - LM324-SR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM324-S14-R UTC-LM324-S14-R Datasheet
111Kb / 6P
   QUAD OPERATIONAL AMPLIFIERS
2005
LM324-S14-T UTC-LM324-S14-T Datasheet
111Kb / 6P
   QUAD OPERATIONAL AMPLIFIERS
2005
More results

Similar Description - LM324-SR

ManufacturerPart #DatasheetDescription
logo
3PEAK INC.
LM2904 3PEAK-LM2904 Datasheet
1Mb / 17P
   1.2MHz, Low-Power 36V Op Amps
LM321A 3PEAK-LM321A Datasheet
1Mb / 17P
   36V General Purpose Op Amps
Rev.0.02
LM2904A 3PEAK-LM2904A Datasheet
1Mb / 15P
   36V General Purpose Op Amps
logo
Maxim Integrated Produc...
MAX44244 MAXIM-MAX44244 Datasheet
905Kb / 13P
   36V, Precision, Low-Power, 90μA, Single/Quad/Dual Op Amps
Rev 1; 6/13
MAX44241 MAXIM-MAX44241_V01 Datasheet
875Kb / 13P
   36V, Low-Noise, Precision, Single/Quad/Dual Op Amps
2015
MAX44244 MAXIM-MAX44244_V01 Datasheet
954Kb / 14P
   36V, Precision, Low-Power, 90關A, Single/Quad/Dual Op Amps
2018
logo
3PEAK INC.
TP2261 3PEAK-TP2261 Datasheet
1Mb / 20P
   36V, 3.5MHz, 15V/關s Op Amps
logo
NXP Semiconductors
LM124 PHILIPS-LM124 Datasheet
136Kb / 7P
   Low power quad op amps
1995 Nov 27
logo
Maxim Integrated Produc...
MAX4100 MAXIM-MAX4100 Datasheet
144Kb / 12P
   500MHz, Low-Power Op Amps
19-0436; Rev 1; 3/96
logo
3PEAK INC.
TP2271 3PEAK-TP2271 Datasheet
1Mb / 16P
   36V Single Supply, 7MHz Bandwidth, RRO Op-amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com