Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM324-SR Datasheet(PDF) 3 Page - 3PEAK INC.

Part # LM324-SR
Description  1.2MHz, Low-Power 36V Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

LM324-SR Datasheet(HTML) 3 Page - 3PEAK INC.

  LM324-SR Datasheet HTML 1Page - 3PEAK INC. LM324-SR Datasheet HTML 2Page - 3PEAK INC. LM324-SR Datasheet HTML 3Page - 3PEAK INC. LM324-SR Datasheet HTML 4Page - 3PEAK INC. LM324-SR Datasheet HTML 5Page - 3PEAK INC. LM324-SR Datasheet HTML 6Page - 3PEAK INC. LM324-SR Datasheet HTML 7Page - 3PEAK INC. LM324-SR Datasheet HTML 8Page - 3PEAK INC. LM324-SR Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LM321/LM358/ LM324
1.2MHz, Low-Power 36V Op Amps
www.3peakic.com.cn
Rev. B.01
Electrical Characteristics
The specifications are at TA = 27° C. VS = 5V, VCM = VOUT =2.5V, RL = 2kΩ, CL =100pF, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VS = 5 V, VCM = 2.5V and VCM = 0V
-3
±
1
3
mV
VS = 30 V, VCM = 15V and VCM = 0V
-3
±
1
3
mV
VOS TC
Input Offset Voltage Drift
-40°C to 125°C
1
μV/° C
IB
Input Bias Current
TA = 27 °C
60
pA
TA = 85 °C
200
pA
IOS
Input Offset Current
0.001
pA
Vn
Input Voltage Noise
f = 0.1Hz to 10Hz
10
μVPP
en
Input Voltage Noise Density
f = 1kHz
48
nV/√Hz
in
Input Current Noise
f = 1kHz
2
fA/√Hz
CIN
Input Capacitance
Differential
Common Mode
2.5
5
pF
CMRR
Common Mode Rejection Ratio
DC, VCM=0V to 28V
80
120
dB
VCM
Common-mode Input Voltage
Range
VS = 5 V to 30V
V
V+-2
V
PSRR
Power Supply Rejection Ratio
VS = 5 V to 30V
90
120
dB
AVOL
Open-Loop Large Signal Gain
VS = 15 V, VO = 1 V to 11 V, RL = 2 kΩ
98
110
dB
VOH
Output Swing from Supply Rail
RLOAD = 10kΩ, VS = ± 15 V
14.70
14.75
V
RLOAD = 2kΩ, VS = ± 15 V
13.70
13.90
V
VOL
Output Swing from Supply Rail
RLOAD = 10kΩ , VS = ± 15 V
-14.85
-14.70
V
RLOAD = 2kΩ, VS = ± 15 V
-14.25
-14.10
V
RLOAD ≥ 10 kΩ, VS = 15 V
5
mV
ROUT
Closed-Loop Output Impedance
AV = 1, f =1kHz, IOUT = 0
0.002
Ω
RO
Open-Loop Output Impedance
f = 1kHz, IOUT = 0
120
Ω
ISC
Output Short-Circuit Current
Sink or source current, VS = 30V
20
35
mA
VS
Supply Voltage
3
36
V
IQ
Quiescent Current per Amplifier
VS = 5V, No load
100
150
μA
VS = 30V, No load
110
200
μA
PM
Phase Margin
RLOAD = 1kΩ, CLOAD = 100pF
62
°
GM
Gain Margin
RLOAD = 1kΩ, CLOAD = 60pF
18
dB
GBWP
Gain-Bandwidth Product
f = 1kHz
1.2
MHz
SR
Slew Rate at unity gain
AV = 1, VS = ± 15V, VOUT = -10V to 10V,
CLOAD =60pF, RLOAD = 10kΩ
0.55
V/μs
FPBW
Full Power Bandwidth Note 1
17.5
kHz
tS
Settling Time, 0.1%
Settling Time, 0.01%
AV = -1, VOUT = 1V Step
2.8
3.1
μs
THD+N
Total Harmonic Distortion and
Noise
f = 1kHz, AV =1, RL = 2kΩ, VOUT = 1Vp-p
0.001
%
Xtalk
Channel Separation
f = 1 kHz to 20 kHz
80
dB
Note 1: Full power bandwidth is calculated from the slew rate FPBW = SR/π • VP-P


Similar Part No. - LM324-SR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM324-S14-R UTC-LM324-S14-R Datasheet
111Kb / 6P
QUAD OPERATIONAL AMPLIFIERS
2005
LM324-S14-T UTC-LM324-S14-T Datasheet
111Kb / 6P
QUAD OPERATIONAL AMPLIFIERS
2005
More results

Similar Description - LM324-SR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM124 PHILIPS-LM124 Datasheet
136Kb / 7P
Low power quad op amps
1995 Nov 27
logo
Maxim Integrated Produc...
MAX4100 MAXIM-MAX4100 Datasheet
144Kb / 12P
500MHz, Low-Power Op Amps
19-0436; Rev 1; 3/96
MAX44244 MAXIM-MAX44244 Datasheet
905Kb / 13P
36V, Precision, Low-Power, 90μA, Single/Quad/Dual Op Amps
Rev 1; 6/13
logo
3PEAK INC.
LM321A 3PEAK-LM321A Datasheet
1Mb / 17P
36V General Purpose Op Amps
Rev.0.02
LM2904 3PEAK-LM2904 Datasheet
1Mb / 17P
1.2MHz, Low-Power 36V Op Amps
LM2904A 3PEAK-LM2904A Datasheet
1Mb / 15P
36V General Purpose Op Amps
TP2261 3PEAK-TP2261 Datasheet
1Mb / 20P
36V, 3.5MHz, 15V/關s Op Amps
TP2271 3PEAK-TP2271 Datasheet
1Mb / 16P
36V Single Supply, 7MHz Bandwidth, RRO Op-amps
logo
Maxim Integrated Produc...
MAX44241 MAXIM-MAX44241_V01 Datasheet
875Kb / 13P
36V, Low-Noise, Precision, Single/Quad/Dual Op Amps
2015
MAX44244 MAXIM-MAX44244_V01 Datasheet
954Kb / 14P
36V, Precision, Low-Power, 90關A, Single/Quad/Dual Op Amps
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com