Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM324-SR Datasheet(PDF) 14 Page - 3PEAK INC.

Part # LM324-SR
Description  1.2MHz, Low-Power 36V Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

LM324-SR Datasheet(HTML) 14 Page - 3PEAK INC.

Back Button LM324-SR Datasheet HTML 8Page - 3PEAK INC. LM324-SR Datasheet HTML 9Page - 3PEAK INC. LM324-SR Datasheet HTML 10Page - 3PEAK INC. LM324-SR Datasheet HTML 11Page - 3PEAK INC. LM324-SR Datasheet HTML 12Page - 3PEAK INC. LM324-SR Datasheet HTML 13Page - 3PEAK INC. LM324-SR Datasheet HTML 14Page - 3PEAK INC. LM324-SR Datasheet HTML 15Page - 3PEAK INC. LM324-SR Datasheet HTML 16Page - 3PEAK INC.  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
Rev. B.01
www.3peakic.com.cn
LM321 / LM358 / LM324
1.2MHz, Low-Power 36V Op Amps
Package Outline Dimensions
MSOP-8
Symbol
Dimensions
In Millimeters
Dimensions In
Inches
Min
Max
Min
Max
A
0.800
1.200
0.031
0.047
A1
0.000
0.200
0.000
0.008
A2
0.760
0.970
0.030
0.038
b
0.30 TYP
0.012 TYP
C
0.15 TYP
0.006 TYP
D
2.900
3.100
0.114
0.122
e
0.65 TYP
0.026
E
2.900
3.100
0.114
0.122
E1
4.700
5.100
0.185
0.201
L1
0.410
0.650
0.016
0.026
θ
E1
e
E
A1
D
L1
L2
L
R
R1
θ
b


Similar Part No. - LM324-SR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM324-S14-R UTC-LM324-S14-R Datasheet
111Kb / 6P
   QUAD OPERATIONAL AMPLIFIERS
2005
LM324-S14-T UTC-LM324-S14-T Datasheet
111Kb / 6P
   QUAD OPERATIONAL AMPLIFIERS
2005
More results

Similar Description - LM324-SR

ManufacturerPart #DatasheetDescription
logo
3PEAK INC.
LM2904 3PEAK-LM2904 Datasheet
1Mb / 17P
   1.2MHz, Low-Power 36V Op Amps
LM321A 3PEAK-LM321A Datasheet
1Mb / 17P
   36V General Purpose Op Amps
Rev.0.02
LM2904A 3PEAK-LM2904A Datasheet
1Mb / 15P
   36V General Purpose Op Amps
logo
Maxim Integrated Produc...
MAX44244 MAXIM-MAX44244 Datasheet
905Kb / 13P
   36V, Precision, Low-Power, 90μA, Single/Quad/Dual Op Amps
Rev 1; 6/13
MAX44241 MAXIM-MAX44241_V01 Datasheet
875Kb / 13P
   36V, Low-Noise, Precision, Single/Quad/Dual Op Amps
2015
MAX44244 MAXIM-MAX44244_V01 Datasheet
954Kb / 14P
   36V, Precision, Low-Power, 90關A, Single/Quad/Dual Op Amps
2018
logo
3PEAK INC.
TP2261 3PEAK-TP2261 Datasheet
1Mb / 20P
   36V, 3.5MHz, 15V/關s Op Amps
logo
NXP Semiconductors
LM124 PHILIPS-LM124 Datasheet
136Kb / 7P
   Low power quad op amps
1995 Nov 27
logo
Maxim Integrated Produc...
MAX4100 MAXIM-MAX4100 Datasheet
144Kb / 12P
   500MHz, Low-Power Op Amps
19-0436; Rev 1; 3/96
logo
3PEAK INC.
TP2271 3PEAK-TP2271 Datasheet
1Mb / 16P
   36V Single Supply, 7MHz Bandwidth, RRO Op-amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com