Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM324-SR Datasheet(PDF) 1 Page - 3PEAK INC.

Part # LM324-SR
Description  1.2MHz, Low-Power 36V Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

LM324-SR Datasheet(HTML) 1 Page - 3PEAK INC.

  LM324-SR Datasheet HTML 1Page - 3PEAK INC. LM324-SR Datasheet HTML 2Page - 3PEAK INC. LM324-SR Datasheet HTML 3Page - 3PEAK INC. LM324-SR Datasheet HTML 4Page - 3PEAK INC. LM324-SR Datasheet HTML 5Page - 3PEAK INC. LM324-SR Datasheet HTML 6Page - 3PEAK INC. LM324-SR Datasheet HTML 7Page - 3PEAK INC. LM324-SR Datasheet HTML 8Page - 3PEAK INC. LM324-SR Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
3PEAK
1
LM321/LM358/LM324
1.2MHz, Low-Power 36V Op Amps
www.3peakic.com.cn
Rev. B.01
Features
Internal Frequency Compensation for Unity Gain
High DC Voltage Gain: 110dB(Typ)
Wide Bandwidth at Unity Gain: 1.2MHz(Typ)
Wide Power Supply Range: 3V to 36V
Dual Supplies: ±1.5V to ±18V
EMIRR IN+: 71dB(Under 1GHz)
Low Supply Current: 100
μA(Typ)
Offset Voltage Temperature Drift: 1uV/°C
Input Bias Current: 60pA Typical
Input Common-Mode Voltage Range Includes
Ground
Rail-to-Rail Output
No Phase Reversal for Overdriven Inputs
–40°C to 125°C Operation Range
ESD Rating: Robust 2KV
– HBM, 2KV – CDM
High Performance Drop-In Compatible With 321,
358, 324 Series Product
Applications
Walkie-Talkie
Battery Management Solution
Transducer Amplifiers
Summing Amplifiers
Multivibrators
Oscillators
DC Gain Blocks
Pin Configuration (Top View)
Description
LM321/358/324 types consist of single/dual/quad
channel independent, high gain, internally frequency
compensated
operational
amplifiers
which
are
designed specifically to operate from a single power
supply over a wide range of voltages. They may also
be operated from split power supplies. The supply
current is basically independent of the supply
voltage over the recommended voltage range.
These devices are particularly useful in interface
circuits with digital systems and can be operated
from the single common 5VDC power supply. They
are also intended for transducer amplifiers, DC gain
blocks and many other conventional op amp circuits
which can benefit from the single power supply
capability.
In the linear mode, the input common-mode voltage
range includes ground and the output voltage can
also swing to both ground and power rail, even
though operated from a single power supply.
The LM321 is single channel version available in
5-pin SOT23 packages. The LM358 is dual channel
version available in 8-pin SOP and MSOP packages.
The LM324 is quad channel version available in
14-pin SOP and TSSOP packages.
3PEAK and the 3PEAK logo are registered trademarks of
3PEAK INCORPORATED. All other trademarks are the property of
their respective owners.
LM321
5-Pin SOT23
(-T Suffix)
4
5
3
2
1
+In
-VS
-In
Out
+VS
14
13
12
11
10
9
8
6
5
7
3
2
1
4
Out A
-VS
+In A
-In A
+VS
D
A
C
B
Out D
+In D
-In D
Out B
+In B
-In B
Out C
+In C
-In C
LM324
14-Pin SOIC/TSSOP
(-S and -T Suffixes)
8
6
5
7
3
2
1
4
Out A
-VS
+In A
-In A
+VS
+In B
-In B
Out B
A
B
LM358
8-Pin SOIC/MSOP
(-S and -V Suffixes)


Similar Part No. - LM324-SR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM324-S14-R UTC-LM324-S14-R Datasheet
111Kb / 6P
   QUAD OPERATIONAL AMPLIFIERS
2005
LM324-S14-T UTC-LM324-S14-T Datasheet
111Kb / 6P
   QUAD OPERATIONAL AMPLIFIERS
2005
More results

Similar Description - LM324-SR

ManufacturerPart #DatasheetDescription
logo
3PEAK INC.
LM2904 3PEAK-LM2904 Datasheet
1Mb / 17P
   1.2MHz, Low-Power 36V Op Amps
LM321A 3PEAK-LM321A Datasheet
1Mb / 17P
   36V General Purpose Op Amps
Rev.0.02
LM2904A 3PEAK-LM2904A Datasheet
1Mb / 15P
   36V General Purpose Op Amps
logo
Maxim Integrated Produc...
MAX44244 MAXIM-MAX44244 Datasheet
905Kb / 13P
   36V, Precision, Low-Power, 90μA, Single/Quad/Dual Op Amps
Rev 1; 6/13
MAX44241 MAXIM-MAX44241_V01 Datasheet
875Kb / 13P
   36V, Low-Noise, Precision, Single/Quad/Dual Op Amps
2015
MAX44244 MAXIM-MAX44244_V01 Datasheet
954Kb / 14P
   36V, Precision, Low-Power, 90關A, Single/Quad/Dual Op Amps
2018
logo
3PEAK INC.
TP2261 3PEAK-TP2261 Datasheet
1Mb / 20P
   36V, 3.5MHz, 15V/關s Op Amps
logo
NXP Semiconductors
LM124 PHILIPS-LM124 Datasheet
136Kb / 7P
   Low power quad op amps
1995 Nov 27
logo
Maxim Integrated Produc...
MAX4100 MAXIM-MAX4100 Datasheet
144Kb / 12P
   500MHz, Low-Power Op Amps
19-0436; Rev 1; 3/96
logo
3PEAK INC.
TP2271 3PEAK-TP2271 Datasheet
1Mb / 16P
   36V Single Supply, 7MHz Bandwidth, RRO Op-amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com