Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM339 Datasheet(PDF) 3 Page - 3PEAK INC.

Part # LM339
Description  36V Low Power Dual/Quad Differential Comparators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

LM339 Datasheet(HTML) 3 Page - 3PEAK INC.

  LM339 Datasheet HTML 1Page - 3PEAK INC. LM339 Datasheet HTML 2Page - 3PEAK INC. LM339 Datasheet HTML 3Page - 3PEAK INC. LM339 Datasheet HTML 4Page - 3PEAK INC. LM339 Datasheet HTML 5Page - 3PEAK INC. LM339 Datasheet HTML 6Page - 3PEAK INC. LM339 Datasheet HTML 7Page - 3PEAK INC. LM339 Datasheet HTML 8Page - 3PEAK INC. LM339 Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
LM393/LM339
36V Low Power Dual/Quad Differential Comparators
www.3peakic.com.cn
Rev. B.2
Electrical Characteristics
The denotes the specifications which apply over the full operating temperature range(-40°C ~ +125°C), otherwise specifications are
at TA = 27°C. VDD = +5V, VIN+ = VDD, VIN- = 1.2V, RPU=10kΩ, CL =15pF.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Supply Voltage
2
36
V
VOS
Input Offset Voltage Note 1
VCC = 5 V to MAX, VIC = VICR(min), VO =
1.4V
-3
±0.6
+3
mV
VOS TC
Input Offset Voltage Drift Note 1
VCM = 1.2V
1
μV/°C
IB
Input Bias Current
VDM = 0.5V
4
nA
Ios
Input offset Current
VDM = 0.5V
1
nA
CIN
Input Capacitance
Differential
Common Mode
2.5
5
pF
VCM
Common-mode Input Voltage
Range
25°C
0
VDD-1.5
V
-40°C ~ +125°C
0
VDD-2
V
AVD
Large-signal Differential-voltage
Amplification
VCC = 15 V, VO = 1.4 V to 11.4 V,
RL ≥ 15 kΩ to VCC
100
V/mV
IOH
High-level Output Current
VOH = 5 V, VID = 1 V
25
70
nA
VOH = 30 V, VID = 1 V
7
μA
VOL
Low-Level Output Voltage
IOL = 4mA, VID = −1V
250
400
mV
700
mV
IOL
Low-level Output Current
VOL = 1.5 V, VID = −1 V
10
mA
IQ
Quiescent Current per
Comparator
VCC = 5 V
140
290
μA
VCC = 30 V
150
300
μA
tRT
Response time
RL connected to 5
V through 5.1 kΩ,
CL = 15 pF, See
Note 3
100-mV input step
with 5-mV overdrive
2
μs
TTL-level input step
0.5
Note 1: The input offset voltage is the average of the input-referred trip points.


Similar Part No. - LM339

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM339 TI-LM339 Datasheet
2Mb / 51P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED OCTOBER 2023
logo
Motorola, Inc
LM339 MOTOROLA-LM339 Datasheet
124Kb / 6P
   Quad Single Supply Comparators
Rev 2
logo
HTC Korea TAEJIN Techno...
LM339 HTC-LM339 Datasheet
113Kb / 4P
   QUAD VOLTAGE COMPARATOR
logo
Texas Instruments
LM339 TI-LM339 Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
logo
ON Semiconductor
LM339 ONSEMI-LM339 Datasheet
145Kb / 8P
   Quad Single Supply Comparators
October, 1999 ??Rev. 3
More results

Similar Description - LM339

ManufacturerPart #DatasheetDescription
logo
3PEAK INC.
LM2903 3PEAK-LM2903 Datasheet
651Kb / 12P
   36V Low Power Dual/Quad Differential Comparators
logo
Texas Instruments
LP239 TI-LP239_06 Datasheet
257Kb / 10P
[Old version datasheet]   LOW-POWER QUAD DIFFERENTIAL COMPARATORS
logo
Diodes Incorporated
LM2901 DIODES-LM2901 Datasheet
752Kb / 18P
   DUAL AND QUAD DIFFERENTIAL COMPARATORS
logo
Texas Instruments
LM139 TI-LM139_06 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139-MIL TI1-LM139-MIL Datasheet
478Kb / 19P
[Old version datasheet]   Quad Differential Comparators
LM139A TI1-LM139A Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_14 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
OPA843IDBVRG4 TI1-OPA843IDBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139 Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
logo
Estek Electronics Co. L...
ET-LM339 ESTEK-ET-LM339 Datasheet
277Kb / 6P
   Quad Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com