Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM339 Datasheet(PDF) 10 Page - 3PEAK INC.

Part # LM339
Description  36V Low Power Dual/Quad Differential Comparators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

LM339 Datasheet(HTML) 10 Page - 3PEAK INC.

Back Button LM339 Datasheet HTML 5Page - 3PEAK INC. LM339 Datasheet HTML 6Page - 3PEAK INC. LM339 Datasheet HTML 7Page - 3PEAK INC. LM339 Datasheet HTML 8Page - 3PEAK INC. LM339 Datasheet HTML 9Page - 3PEAK INC. LM339 Datasheet HTML 10Page - 3PEAK INC. LM339 Datasheet HTML 11Page - 3PEAK INC. LM339 Datasheet HTML 12Page - 3PEAK INC. LM339 Datasheet HTML 13Page - 3PEAK INC.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
LM393/LM339
36V Low Power Dual/Quad Differential Comparators
www.3peakic.com.cn
Rev. B.2
3
R
||
2
R
1
R
3
R
||
2
R
DD
V
A2
V
If R1=R2=R3, then VA1=2VDD /3, and VA2= VDD/3
The capacitor C1 now discharges through R4, and the voltage VC decreases till it is equal to VA2, at which point the
comparator switches again, bringing it back to the initial stage. The time period is equal to twice the time it takes to
discharge C1 from 2VDD/3 to VDD/3. Hence the frequency is:
1
C
4
R
ln2
2
1
Freq
Vo
R3
R2
VDD
R1
LM393
R4
C1
VC1
t
VO
R1=R2=R3
2/3VDD
1/3VDD
t
VC1
VA
Figure 7. Relaxation Oscillator
Windowed Comparator
Figure 8 shows one approach to designing a windowed comparator using a single LM393/339 chip. Choose different
thresholds by changing the values of R1, R2, and R3. OutA provides an active-low undervoltage indication, and OutB
gives an active-low overvoltage indication. ANDing the two outputs provides an active-high, power-good signal. When
input voltage Vi reaches the overvoltage threshold VOH, the OutB gets low. Once Vi falls to the undervoltage threshold
VUH, the OutA gets low. When VUH<Vi<VOH, the AND Gate gets high.
1
)/R
3
R
2
R
1
(R
r
V
OH
V
)
2
R
1
)/(R
3
R
2
R
1
(R
r
V
UH
V
Figure 8. Windowed Comparator


Similar Part No. - LM339

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM339 MOTOROLA-LM339 Datasheet
124Kb / 6P
   Quad Single Supply Comparators
Rev 2
logo
Texas Instruments
LM339 TI-LM339 Datasheet
2Mb / 51P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED OCTOBER 2023
logo
HTC Korea TAEJIN Techno...
LM339 HTC-LM339 Datasheet
113Kb / 4P
   QUAD VOLTAGE COMPARATOR
logo
Texas Instruments
LM339 TI-LM339 Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
logo
ON Semiconductor
LM339 ONSEMI-LM339 Datasheet
145Kb / 8P
   Quad Single Supply Comparators
October, 1999 ??Rev. 3
More results

Similar Description - LM339

ManufacturerPart #DatasheetDescription
logo
3PEAK INC.
LM2903 3PEAK-LM2903 Datasheet
651Kb / 12P
   36V Low Power Dual/Quad Differential Comparators
logo
Texas Instruments
LP239 TI-LP239_06 Datasheet
257Kb / 10P
[Old version datasheet]   LOW-POWER QUAD DIFFERENTIAL COMPARATORS
logo
Diodes Incorporated
LM2901 DIODES-LM2901 Datasheet
752Kb / 18P
   DUAL AND QUAD DIFFERENTIAL COMPARATORS
logo
Texas Instruments
LM139 TI-LM139_06 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139-MIL TI1-LM139-MIL Datasheet
478Kb / 19P
[Old version datasheet]   Quad Differential Comparators
LM139A TI1-LM139A Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_14 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
OPA843IDBVRG4 TI1-OPA843IDBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139 Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
logo
Estek Electronics Co. L...
ET-LM339 ESTEK-ET-LM339 Datasheet
277Kb / 6P
   Quad Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com