Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM339 Datasheet(PDF) 1 Page - 3PEAK INC.

Part # LM339
Description  36V Low Power Dual/Quad Differential Comparators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

LM339 Datasheet(HTML) 1 Page - 3PEAK INC.

  LM339 Datasheet HTML 1Page - 3PEAK INC. LM339 Datasheet HTML 2Page - 3PEAK INC. LM339 Datasheet HTML 3Page - 3PEAK INC. LM339 Datasheet HTML 4Page - 3PEAK INC. LM339 Datasheet HTML 5Page - 3PEAK INC. LM339 Datasheet HTML 6Page - 3PEAK INC. LM339 Datasheet HTML 7Page - 3PEAK INC. LM339 Datasheet HTML 8Page - 3PEAK INC. LM339 Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
LM393/LM339
36V Low Power Dual/Quad Differential Comparators
www.3peakic.com.cn
Rev. B.2
Features
Wide Single-supply Voltage Range or Dual
Supplies: +2 V to +36 V or ±1.0 V to ±18 V
Very Low Supply Current (150 μA/ch) Independent
of Supply Voltage(0.75 mW/comparator at +5 V)
Low Input Bias Current:4 nA typ.
Low Offset Voltage: ± 3.0 mV Max
Input Common-mode Voltage Range Includes
Ground
Internal Differential Input Voltage Range Equal to
The Supply Voltage
TTL, DTL, ECL, MOS, CMOS compatible Outputs
ESD Clamps on the Inputs Increase the
Ruggedness of the Device Without Affecting
Performance
Low Output Saturation
–40°C to 125°C Operation Range
ESD Rating:
Robust 2KV – HBM, 1KV – CDM
High Performance Drop-In Compatible With 339,
339, 2903, 2901 Series Product
Applications
High-speed Line or Digital Line Receivers
High Speed Sampling Circuits
Peak and Zero-crossing Detectors
Threshold Detectors/Discriminators
Sensing at Ground or Supply Line
Description
The devices in this series consist of dual/quad
independent single or dual supply voltage comparators
on a single monolithic substrate. The common mode
input voltage range includes ground even when operated
from a single supply, and the low power supply current
drain makes these comparators suitable for battery
operation. These types were designed to directly
interface with TTL and CMOS, Current drain is
independent of the supply voltage. The outputs can be
connected to other open-collector outputs to achieve
wired-AND relationships.
The LM393 is dual channel version available in 8-pin
SOP package. The LM339 is quad channel version
available in 14-pin SOP package. All devices are
specified for the temperature range of –40°C to +125°C.
3PEAK and the 3PEAK logo are registered trademarks of
3PEAK INCORPORATED. All other trademarks are the
property of their respective owners.
Pin Configuration (Top View)
Order Information


Similar Part No. - LM339

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM339 TI-LM339 Datasheet
2Mb / 51P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED OCTOBER 2023
logo
Motorola, Inc
LM339 MOTOROLA-LM339 Datasheet
124Kb / 6P
   Quad Single Supply Comparators
Rev 2
logo
HTC Korea TAEJIN Techno...
LM339 HTC-LM339 Datasheet
113Kb / 4P
   QUAD VOLTAGE COMPARATOR
logo
Texas Instruments
LM339 TI-LM339 Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
logo
ON Semiconductor
LM339 ONSEMI-LM339 Datasheet
145Kb / 8P
   Quad Single Supply Comparators
October, 1999 ??Rev. 3
More results

Similar Description - LM339

ManufacturerPart #DatasheetDescription
logo
3PEAK INC.
LM2903 3PEAK-LM2903 Datasheet
651Kb / 12P
   36V Low Power Dual/Quad Differential Comparators
logo
Texas Instruments
LP239 TI-LP239_06 Datasheet
257Kb / 10P
[Old version datasheet]   LOW-POWER QUAD DIFFERENTIAL COMPARATORS
logo
Diodes Incorporated
LM2901 DIODES-LM2901 Datasheet
752Kb / 18P
   DUAL AND QUAD DIFFERENTIAL COMPARATORS
logo
Texas Instruments
LM139 TI-LM139_06 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139-MIL TI1-LM139-MIL Datasheet
478Kb / 19P
[Old version datasheet]   Quad Differential Comparators
LM139A TI1-LM139A Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_14 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
OPA843IDBVRG4 TI1-OPA843IDBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139 Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
logo
Estek Electronics Co. L...
ET-LM339 ESTEK-ET-LM339 Datasheet
277Kb / 6P
   Quad Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com