Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM8PE581M Datasheet(PDF) 2 Page - Feeling Technology Corp.

Part # FM8PE581M
Description  OTP-Based 8-Bit Microcontroller
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FM8PE581M Datasheet(HTML) 2 Page - Feeling Technology Corp.

  FM8PE581M Datasheet HTML 1Page - Feeling Technology Corp. FM8PE581M Datasheet HTML 2Page - Feeling Technology Corp. FM8PE581M Datasheet HTML 3Page - Feeling Technology Corp. FM8PE581M Datasheet HTML 4Page - Feeling Technology Corp. FM8PE581M Datasheet HTML 5Page - Feeling Technology Corp. FM8PE581M Datasheet HTML 6Page - Feeling Technology Corp. FM8PE581M Datasheet HTML 7Page - Feeling Technology Corp. FM8PE581M Datasheet HTML 8Page - Feeling Technology Corp. FM8PE581M Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 87 page
background image
FM8PE581M
Web site: http://www.feeling-tech.com.tw
Rev1.00.006 Dec 01, 2016
Page 2 of 87, FM8PE581M
FEELING
TECHNOLOGY
GENERAL DESCRIPTION
The FM8PE581M is a high noise immunity, OTP-based 8-bit CMOS microcontrollers.
It employs a RISC
architecture with 54 instructions. All instructions are single cycle except for program branches which take two
cycles. The easy to use and easy to remember instruction set reduces development time significantly.
The FM8PE581M consists of Power-on Reset (POR), Brown-out Reset (BOR), Power-up Reset Timer (PWRT),
Watchdog Timer, OTP, SRAM, tristate I/O port, I/O pull-high control, Power saving SLEEP mode, 7 real time
programmable clock/counter, Interrupt, Wake-up from SLEEP mode, and Code Protection for OTP products.
There are eight oscillator configurations to be chosen from, including the power-saving LF (Low Frequency)
oscillator and cost saving internal RC oscillator.
The FM8PE581M address 8K of program memory.
The FM8PE581M can directly or indirectly address its register files and data memory. All special function registers
including the program counter are mapped in the data memory.
The FM8PE581M provides up to 6 channel PWM output.
BLOCK DIAGRAM
PORTB
SRAM
384-Byte
OTP
8K-Wrod
Stack
8-level
Power-up
Timer
Oscillator
Start-up Timer
Power on
Reset
8-bit
RISC
CPU
Low voltage
Detect
Watchdog
Timer
PORTA
SPI
Timer1/
PWM1
10-bit
Timer2/
PWM2
10-bit
Timer5/
PWM5
10-bit
Timer6/
PWM6
10-bit
Timer3/
PWM3
10-bit
Timer4/
PWM4
10-bit
Timer7
8-bit
CPWM1
CPWM3
CPWM2
8MHZ/16MHZ
HIRC
250KHZ/500KHZ
LIRC


Similar Part No. - FM8PE581M

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FM8PE51 FEELING-FM8PE51 Datasheet
388Kb / 61P
   EPROM/ROM-Based 8-Bit Microcontroller
FM8PE51EF FEELING-FM8PE51EF Datasheet
388Kb / 61P
   EPROM/ROM-Based 8-Bit Microcontroller
FM8PE51EP FEELING-FM8PE51EP Datasheet
388Kb / 61P
   EPROM/ROM-Based 8-Bit Microcontroller
FM8PE51F FEELING-FM8PE51F Datasheet
388Kb / 61P
   EPROM/ROM-Based 8-Bit Microcontroller
FM8PE51M FEELING-FM8PE51M Datasheet
2Mb / 72P
   OTP-Based 8-Bit Microcontroller
More results

Similar Description - FM8PE581M

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FM8PE53B FEELING-FM8PE53B Datasheet
2Mb / 53P
   OTP-Based 8-Bit Microcontroller
FM8PB53B FEELING-FM8PB53B Datasheet
2Mb / 55P
   OTP-Based 8-Bit Microcontroller
FM8PB56B FEELING-FM8PB56B Datasheet
2Mb / 53P
   OTP-Based 8-Bit Microcontroller
FM8PE53M FEELING-FM8PE53M Datasheet
2Mb / 52P
   OTP-Based 8-Bit Microcontroller
FM8PE51M FEELING-FM8PE51M Datasheet
2Mb / 72P
   OTP-Based 8-Bit Microcontroller
FM8PE59M FEELING-FM8PE59M Datasheet
3Mb / 72P
   OTP-Based 8-Bit Microcontroller
FM8PE56M FEELING-FM8PE56M Datasheet
2Mb / 53P
   OTP-Based 8-Bit Microcontroller
FM8PE59B FEELING-FM8PE59B Datasheet
3Mb / 72P
   OTP-Based 8-Bit Microcontroller
FM8PE531M FEELING-FM8PE531M Datasheet
7Mb / 55P
   OTP-Based 8-Bit Microcontroller
FM8PA76 FEELING-FM8PA76 Datasheet
3Mb / 78P
   OTP-Based 8-Bit Microcontroller with 12 bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com