Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM8PE581M Datasheet(PDF) 10 Page - Feeling Technology Corp.

Part # FM8PE581M
Description  OTP-Based 8-Bit Microcontroller
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FM8PE581M Datasheet(HTML) 10 Page - Feeling Technology Corp.

Back Button FM8PE581M Datasheet HTML 6Page - Feeling Technology Corp. FM8PE581M Datasheet HTML 7Page - Feeling Technology Corp. FM8PE581M Datasheet HTML 8Page - Feeling Technology Corp. FM8PE581M Datasheet HTML 9Page - Feeling Technology Corp. FM8PE581M Datasheet HTML 10Page - Feeling Technology Corp. FM8PE581M Datasheet HTML 11Page - Feeling Technology Corp. FM8PE581M Datasheet HTML 12Page - Feeling Technology Corp. FM8PE581M Datasheet HTML 13Page - Feeling Technology Corp. FM8PE581M Datasheet HTML 14Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 87 page
background image
FM8PE581M
Web site: http://www.feeling-tech.com.tw
Rev1.00.006 Dec 01, 2016
Page 10 of 87, FM8PE581M
FEELING
TECHNOLOGY
Situation 3: RETURN or RETFIE or RETIA Instruction
PCL
PCH
STACK<12:0>
PC
7
0
8
9
10
11
12
-
-
-
U
U
U
U
U
PCHBUF
U = Unchanged
Situation 4: Instruction with PCL as destination
PCL
PCH
ALU result <7:0>
Or Opcode <7:0>
7
0
8
9
PC
10
11
12
-
-
-
PCHBUF
U = Unchanged
2.1.3
STATUS (Status Register)
Read/Write-POR
-
-
-
R-#
R-#
R/W-x
R/W-x
R/W-x
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
0x003
STATUS
-
-
-
TO
̅̅̅̅
PD
̅̅̅̅
Z
DC
C
Legend: - = unimplemented, read as ‘0’, x = unknown, # refer Table 2.9 for detail description, more bits default state,
please refer to Table 2.8.
This register contains the arithmetic status of the ALU, the RESET status.
If the STATUS Register is the destination for an instruction that affects the Z, DC or C bits, then the write to these
three bits is disabled. These bits are set or cleared according to the device logic. Furthermore, the TO
̅̅̅̅ and PD
̅̅̅̅
bits are not writable. Therefore, the result of an instruction with the STATUS Register as destination may be
different than intended. For example, CLRR STATUS will clear the upper three bits and set the Z bit. This leaves
the STATUS Register as 000u u1uu (where u = unchanged).
C: Carry/borrow bit.
ADDAR, ADCAR, ADDIA:
= 0, No Carry occurred.
= 1, Carry occurred.
SUBAR, SBCAR, SUBIA:
= 0, Borrow occurred.
= 1, No borrow occurred.
Note:A subtraction is executed by adding the two’s complement of the second operand. For rotate (RRR, RLR)
instructions, this bit is loaded with either the high or low order bit of the source register.
DC: Half carry/half borrow bit
ADDAR, ADCAR, ADDIA:
= 0, No Carry from the 4th low order bit of the result occurred.
= 1, Carry from the 4th low order bit of the result occurred.
SUBAR, SBCAR, SUBIA:
= 0, Borrow from the 4th low order bit of the result occurred.
= 1, No Borrow from the 4th low order bit of the result occurred.


Similar Part No. - FM8PE581M

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FM8PE51 FEELING-FM8PE51 Datasheet
388Kb / 61P
   EPROM/ROM-Based 8-Bit Microcontroller
FM8PE51EF FEELING-FM8PE51EF Datasheet
388Kb / 61P
   EPROM/ROM-Based 8-Bit Microcontroller
FM8PE51EP FEELING-FM8PE51EP Datasheet
388Kb / 61P
   EPROM/ROM-Based 8-Bit Microcontroller
FM8PE51F FEELING-FM8PE51F Datasheet
388Kb / 61P
   EPROM/ROM-Based 8-Bit Microcontroller
FM8PE51M FEELING-FM8PE51M Datasheet
2Mb / 72P
   OTP-Based 8-Bit Microcontroller
More results

Similar Description - FM8PE581M

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FM8PE53B FEELING-FM8PE53B Datasheet
2Mb / 53P
   OTP-Based 8-Bit Microcontroller
FM8PB53B FEELING-FM8PB53B Datasheet
2Mb / 55P
   OTP-Based 8-Bit Microcontroller
FM8PB56B FEELING-FM8PB56B Datasheet
2Mb / 53P
   OTP-Based 8-Bit Microcontroller
FM8PE53M FEELING-FM8PE53M Datasheet
2Mb / 52P
   OTP-Based 8-Bit Microcontroller
FM8PE51M FEELING-FM8PE51M Datasheet
2Mb / 72P
   OTP-Based 8-Bit Microcontroller
FM8PE59M FEELING-FM8PE59M Datasheet
3Mb / 72P
   OTP-Based 8-Bit Microcontroller
FM8PE56M FEELING-FM8PE56M Datasheet
2Mb / 53P
   OTP-Based 8-Bit Microcontroller
FM8PE59B FEELING-FM8PE59B Datasheet
3Mb / 72P
   OTP-Based 8-Bit Microcontroller
FM8PE531M FEELING-FM8PE531M Datasheet
7Mb / 55P
   OTP-Based 8-Bit Microcontroller
FM8PA76 FEELING-FM8PA76 Datasheet
3Mb / 78P
   OTP-Based 8-Bit Microcontroller with 12 bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com