Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM8PE581M Datasheet(PDF) 1 Page - Feeling Technology Corp.

Part # FM8PE581M
Description  OTP-Based 8-Bit Microcontroller
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FM8PE581M Datasheet(HTML) 1 Page - Feeling Technology Corp.

  FM8PE581M Datasheet HTML 1Page - Feeling Technology Corp. FM8PE581M Datasheet HTML 2Page - Feeling Technology Corp. FM8PE581M Datasheet HTML 3Page - Feeling Technology Corp. FM8PE581M Datasheet HTML 4Page - Feeling Technology Corp. FM8PE581M Datasheet HTML 5Page - Feeling Technology Corp. FM8PE581M Datasheet HTML 6Page - Feeling Technology Corp. FM8PE581M Datasheet HTML 7Page - Feeling Technology Corp. FM8PE581M Datasheet HTML 8Page - Feeling Technology Corp. FM8PE581M Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 87 page
background image
FM8PE581M
OTP-Based 8-Bit Microcontroller
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Web site: http://www.feeling-tech.com.tw
Rev1.00.006 Dec 01, 2016
Page 1 of 87, FM8PE581M
FEELING
TECHNOLOGY
Devices Included in this Data Sheet:
 FM8PE581MA: 14-pin OTP device
 FM8PE581MB: 16-pin OTP device
 FM8PE581MC: 18-pin OTP device
FEATURES
8K word on chip OTP-ROM and 56 bytes on chip special purpose registers and 384 bytes on chip general
purpose registers (SRAM).
8-level deep hardware stack.
7 real time down-count Timer/Counter with 3-bit programmable pre-scaler:
- TMR1: 10-bit (8+2), PWM1 & CPWM1 Period & Timer1.
- TMR2: 10-bit (8+2), PWM2 & CPWM1 Duty & Timer2.
- TMR3: 10-bit (8+2), PWM3 & CPWM2 Period & Timer3.
- TMR4: 10-bit (8+2), PWM4 & CPWM2 Duty & Timer4.
- TMR5: 10-bit (8+2), PWM5 & CPWM3 Period & Timer5.
- TMR6: 10-bit (8+2), PWM6 & CPWM3 Duty & Timer6.
- TMR7: 8-bit, Timer7.
Serial Peripheral Interface (SPI); Three-wire (or Two wire) synchronous communication.
Clock output: FOSC/2, /4, /8, /16, /32, /64 clock output, 3/4 duty clock output.
Built-in 5 levels Low Voltage Detector (LVDT) for Brown-out Reset (BOR).
Power-up Reset Timer (PWRT).
On chip Watchdog Timer (WDT) with internal oscillator for reliable operation.
Two I/O ports PORTA and PORTB with independent direction control:
- 15 Bi-direction I/O port (Programmable Pull-up enable in Input mode).
- One open-drain port (IOB3/RSTB).
Five kinds of interrupt source: 7 Timers/Counters, 6 external interrupt sources: IOA5~IOA7, IOB3~IOB5, SPI
interface, Internal watchdog timer (i_WDT) wakeup.
Wake-up from SLEEP:
- PORTA (IO5~IOA7) and PORTB (IOB3~IOB5) pin change wakeup.
- WDT overflow.
- i_WDT overflow.
HALT function reduce power consumption.
Power saving SLEEP mode.
Configurable CPU clock per instruction cycle: FOSC/4 and FOSC/2.
All instructions are single cycle except for program branches which are two-cycles.
Programmable Code Protection.
Six selectable oscillator options:
- ERC, XT, LF, 16MHZ/8MHZ HIRC, 500KHZ/250KHZ LIRC.
Wide-operating voltage range:
- OTP: 3.3V to 5.5V @ 8MIPS, 2.0V to 5.5V @ 4MIPS.


Similar Part No. - FM8PE581M

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FM8PE51 FEELING-FM8PE51 Datasheet
388Kb / 61P
   EPROM/ROM-Based 8-Bit Microcontroller
FM8PE51EF FEELING-FM8PE51EF Datasheet
388Kb / 61P
   EPROM/ROM-Based 8-Bit Microcontroller
FM8PE51EP FEELING-FM8PE51EP Datasheet
388Kb / 61P
   EPROM/ROM-Based 8-Bit Microcontroller
FM8PE51F FEELING-FM8PE51F Datasheet
388Kb / 61P
   EPROM/ROM-Based 8-Bit Microcontroller
FM8PE51M FEELING-FM8PE51M Datasheet
2Mb / 72P
   OTP-Based 8-Bit Microcontroller
More results

Similar Description - FM8PE581M

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FM8PE53B FEELING-FM8PE53B Datasheet
2Mb / 53P
   OTP-Based 8-Bit Microcontroller
FM8PB53B FEELING-FM8PB53B Datasheet
2Mb / 55P
   OTP-Based 8-Bit Microcontroller
FM8PB56B FEELING-FM8PB56B Datasheet
2Mb / 53P
   OTP-Based 8-Bit Microcontroller
FM8PE53M FEELING-FM8PE53M Datasheet
2Mb / 52P
   OTP-Based 8-Bit Microcontroller
FM8PE51M FEELING-FM8PE51M Datasheet
2Mb / 72P
   OTP-Based 8-Bit Microcontroller
FM8PE59M FEELING-FM8PE59M Datasheet
3Mb / 72P
   OTP-Based 8-Bit Microcontroller
FM8PE56M FEELING-FM8PE56M Datasheet
2Mb / 53P
   OTP-Based 8-Bit Microcontroller
FM8PE59B FEELING-FM8PE59B Datasheet
3Mb / 72P
   OTP-Based 8-Bit Microcontroller
FM8PE531M FEELING-FM8PE531M Datasheet
7Mb / 55P
   OTP-Based 8-Bit Microcontroller
FM8PA76 FEELING-FM8PA76 Datasheet
3Mb / 78P
   OTP-Based 8-Bit Microcontroller with 12 bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com