Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM8PE581M Datasheet(PDF) 9 Page - Feeling Technology Corp.

Part # FM8PE581M
Description  OTP-Based 8-Bit Microcontroller
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FM8PE581M Datasheet(HTML) 9 Page - Feeling Technology Corp.

Back Button FM8PE581M Datasheet HTML 5Page - Feeling Technology Corp. FM8PE581M Datasheet HTML 6Page - Feeling Technology Corp. FM8PE581M Datasheet HTML 7Page - Feeling Technology Corp. FM8PE581M Datasheet HTML 8Page - Feeling Technology Corp. FM8PE581M Datasheet HTML 9Page - Feeling Technology Corp. FM8PE581M Datasheet HTML 10Page - Feeling Technology Corp. FM8PE581M Datasheet HTML 11Page - Feeling Technology Corp. FM8PE581M Datasheet HTML 12Page - Feeling Technology Corp. FM8PE581M Datasheet HTML 13Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 87 page
background image
FM8PE581M
Web site: http://www.feeling-tech.com.tw
Rev1.00.006 Dec 01, 2016
Page 9 of 87, FM8PE581M
FEELING
TECHNOLOGY
2.1.2
PCL (Low Byte of Program Counter) & Stack
Read/Write-POR
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
0x002
PCL
Low order 8 bits of PC
Note: more bits default state, please refer to Table 2.8.
FM8PE581M device has 13-bit wide Program Counter (PC) and eight-level deep 13-bit hardware push/pop stack.
The low byte of PC is called the PCL register. This register is readable and writable. The high byte of PC is called
the PCH register. This register contains the PC<12:8> bits and is not directly readable or writable. All updates to
the PCH register go through the PCHBUF register. As a program instruction is executed, the Program Counter
will contain the address of the next program instruction to be executed. The PC value is increased by one, every
instruction cycle, unless an instruction changes the PC.
For a GOTO instruction, the PC<12:0> is provided by the GOTO instruction word. The PCL register is mapped to
PC<7:0>, and the PCHBUF register is not updated.
For a CALL instruction, the PC<12:0> is provided by the CALL instruction word. The next PC will be loaded
(PUSHed) onto the top of STACK. The PCL register is mapped to PC<7:0>, and the PCHBUF register is not updated.
For a RETURN, RETFIE or RETIA instruction, the PC are updated (POPed) from the top of STACK. The PCL
register is mapped to PC<7:0>, and the PCHBUF register is not updated.
For any instruction where the PCL is the destination, the PC<7:0> is provided by the instruction word or ALU result.
However, the PC<12:8> will come from the PCHBUF<4:0> bits (PCHBUF  PCH).
PCHBUF only when the PCL is written, will be updated to the PCH.
Figure 2.2: Loading of PC in Different Situations
Situation 1: GOTO Instruction
PCL
Opcode <12:0>
PCH
7
0
8
9
PC
10
11
12
-
-
-
U
U
U
U
U
PCHBUF
U = Unchanged
Situation 2: CALL Instruction
PCL
Opcode <12:0>
PCH
STACK<12:0>
PC
7
0
8
9
10
11
12
-
-
-
U
U
U
U
U
PCHBUF
U = Unchanged


Similar Part No. - FM8PE581M

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FM8PE51 FEELING-FM8PE51 Datasheet
388Kb / 61P
EPROM/ROM-Based 8-Bit Microcontroller
FM8PE51EF FEELING-FM8PE51EF Datasheet
388Kb / 61P
EPROM/ROM-Based 8-Bit Microcontroller
FM8PE51EP FEELING-FM8PE51EP Datasheet
388Kb / 61P
EPROM/ROM-Based 8-Bit Microcontroller
FM8PE51F FEELING-FM8PE51F Datasheet
388Kb / 61P
EPROM/ROM-Based 8-Bit Microcontroller
FM8PE51M FEELING-FM8PE51M Datasheet
2Mb / 72P
OTP-Based 8-Bit Microcontroller
More results

Similar Description - FM8PE581M

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FM8PA76 FEELING-FM8PA76 Datasheet
3Mb / 78P
OTP-Based 8-Bit Microcontroller with 12 bit ADC
FM8PB53B FEELING-FM8PB53B Datasheet
2Mb / 55P
OTP-Based 8-Bit Microcontroller
FM8PB56B FEELING-FM8PB56B Datasheet
2Mb / 53P
OTP-Based 8-Bit Microcontroller
FM8PE51M FEELING-FM8PE51M Datasheet
2Mb / 72P
OTP-Based 8-Bit Microcontroller
FM8PE53B FEELING-FM8PE53B Datasheet
2Mb / 53P
OTP-Based 8-Bit Microcontroller
FM8PE53M FEELING-FM8PE53M Datasheet
2Mb / 52P
OTP-Based 8-Bit Microcontroller
FM8PE56M FEELING-FM8PE56M Datasheet
2Mb / 53P
OTP-Based 8-Bit Microcontroller
FM8PE59B FEELING-FM8PE59B Datasheet
3Mb / 72P
OTP-Based 8-Bit Microcontroller
FM8PE59M FEELING-FM8PE59M Datasheet
3Mb / 72P
OTP-Based 8-Bit Microcontroller
FM8PE531M FEELING-FM8PE531M Datasheet
7Mb / 55P
OTP-Based 8-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com