Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM8PE581M Datasheet(PDF) 8 Page - Feeling Technology Corp.

Part # FM8PE581M
Description  OTP-Based 8-Bit Microcontroller
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FM8PE581M Datasheet(HTML) 8 Page - Feeling Technology Corp.

Back Button FM8PE581M Datasheet HTML 4Page - Feeling Technology Corp. FM8PE581M Datasheet HTML 5Page - Feeling Technology Corp. FM8PE581M Datasheet HTML 6Page - Feeling Technology Corp. FM8PE581M Datasheet HTML 7Page - Feeling Technology Corp. FM8PE581M Datasheet HTML 8Page - Feeling Technology Corp. FM8PE581M Datasheet HTML 9Page - Feeling Technology Corp. FM8PE581M Datasheet HTML 10Page - Feeling Technology Corp. FM8PE581M Datasheet HTML 11Page - Feeling Technology Corp. FM8PE581M Datasheet HTML 12Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 87 page
background image
FM8PE581M
Web site: http://www.feeling-tech.com.tw
Rev1.00.006 Dec 01, 2016
Page 8 of 87, FM8PE581M
FEELING
TECHNOLOGY
2.0
FUNCTIONAL DESCRIPTIONS
2.1
Operational Registers
2.1.1
INDF (Indirect Addressing Register)
Read/Write-POR
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
0x000
INDF
Uses contents of FSRH and FSRL to address data memory (not a physical register)
Legend: x = unknown, more bits default state, please refer to Table 2.8.
The INDF Register is not a physical register. Any instruction accessing the INDF register can actually access the
register pointed by FSRH and FSRL Register. Reading the INDF register itself indirectly (FSRH and FSRL=”0x00”)
will read 0x00. Writing to the INDF register indirectly results in a no-operation (although status bits may be affected).
Example 2.1: INDIRECT ADDRESSING
Register file 0x148 contains the value 0x10
Register file 0x149 contains the value 0x0A
Load the value 0x148 into the FSRH and FSRL Register
A read of the INDF Register will return the value of 0x10
Increment the value of the FSRL Register by one (@FSRH and FSRL=0x149)
A read of the INDF register now will return the value of 0x0A.
Figure 2.1: Direct/Indirect Addressing for FM8PE581M
location select
addressing INDF register
location select
0x1FF
0x000
Direct Addressing
From opcode
8
0
Indirect Addressing
From FSRH/L register
8
0
7


Similar Part No. - FM8PE581M

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FM8PE51 FEELING-FM8PE51 Datasheet
388Kb / 61P
EPROM/ROM-Based 8-Bit Microcontroller
FM8PE51EF FEELING-FM8PE51EF Datasheet
388Kb / 61P
EPROM/ROM-Based 8-Bit Microcontroller
FM8PE51EP FEELING-FM8PE51EP Datasheet
388Kb / 61P
EPROM/ROM-Based 8-Bit Microcontroller
FM8PE51F FEELING-FM8PE51F Datasheet
388Kb / 61P
EPROM/ROM-Based 8-Bit Microcontroller
FM8PE51M FEELING-FM8PE51M Datasheet
2Mb / 72P
OTP-Based 8-Bit Microcontroller
More results

Similar Description - FM8PE581M

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FM8PA76 FEELING-FM8PA76 Datasheet
3Mb / 78P
OTP-Based 8-Bit Microcontroller with 12 bit ADC
FM8PB53B FEELING-FM8PB53B Datasheet
2Mb / 55P
OTP-Based 8-Bit Microcontroller
FM8PB56B FEELING-FM8PB56B Datasheet
2Mb / 53P
OTP-Based 8-Bit Microcontroller
FM8PE51M FEELING-FM8PE51M Datasheet
2Mb / 72P
OTP-Based 8-Bit Microcontroller
FM8PE53B FEELING-FM8PE53B Datasheet
2Mb / 53P
OTP-Based 8-Bit Microcontroller
FM8PE53M FEELING-FM8PE53M Datasheet
2Mb / 52P
OTP-Based 8-Bit Microcontroller
FM8PE56M FEELING-FM8PE56M Datasheet
2Mb / 53P
OTP-Based 8-Bit Microcontroller
FM8PE59B FEELING-FM8PE59B Datasheet
3Mb / 72P
OTP-Based 8-Bit Microcontroller
FM8PE59M FEELING-FM8PE59M Datasheet
3Mb / 72P
OTP-Based 8-Bit Microcontroller
FM8PE531M FEELING-FM8PE531M Datasheet
7Mb / 55P
OTP-Based 8-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com