Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM8PE53B Datasheet(PDF) 25 Page - Feeling Technology Corp.

Part # FM8PE53B
Description  OTP-Based 8-Bit Microcontroller
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FM8PE53B Datasheet(HTML) 25 Page - Feeling Technology Corp.

Back Button FM8PE53B Datasheet HTML 21Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 22Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 23Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 24Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 25Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 26Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 27Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 28Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 29Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 53 page
background image
FM8PE53B
Web site: http://www.feeling-tech.com.tw
Rev1.02.011 Aug 21, 2014
P.25/FM8PE53B
FEELING
TECHNOLOGY
2.8
Oscillator Configurations
FM8PE53B can be operated in six different oscillator modes. Users can program FOSC configuration bit to select
the appropriate modes:
ERC: External Resistor/Capacitor Oscillator
HF: High Frequency Crystal/Resonator Oscillator
XT: Crystal/Resonator Oscillator
LF: Low Frequency Crystal Oscillator
IRC: Internal Resistor/Capacitor Oscillator
ERIC: External Resistor/Internal Capacitor Oscillator
In LF, XT, or HF modes, a crystal or ceramic resonator in connected to the OSCI and OSCO pins to establish
oscillation. When in LF, XT, or HF modes, the devices can have an external clock source drive the OSCI pin.
The ERC device option offers additional cost savings for timing insensitive applications. The RC oscillator
frequency is a function of the resistor (Rext) and capacitor (Cext), the operating temperature, and the process
parameter.
The IRC/ERIC device option offers largest cost savings for timing insensitive applications. These devices offer 4
different internal RC oscillator frequency, 8 MHz, 4 MHz, 1 MHz, and 455 KHz, which is selected by configuration
bit (Fosc). Or user can change the oscillator frequency with external resistor. The ERIC oscillator frequency is a
function of the resistor (Rext), the operating temperature, and the process parameter.
Figure 2.6: HF, XT or LF Oscillator Modes (Crystal Operation or Ceramic Resonator)
FM8PE53B
RF
OSCI
OSCO
RS
C1
C2
X`TAL
R1
SLEEP
Internal
Circuit
Figure 2.7: HF, XT or LF Oscillator Modes (External Clock Input Operation)
FM8PE53B
OSCI
OSCO
Clock from
External System


Similar Part No. - FM8PE53B

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FM8PE531M FEELING-FM8PE531M Datasheet
7Mb / 55P
   OTP-Based 8-Bit Microcontroller
FM8PE531MA FEELING-FM8PE531MA Datasheet
7Mb / 55P
   OTP-Based 8-Bit Microcontroller
FM8PE531MAP FEELING-FM8PE531MAP Datasheet
7Mb / 55P
   OTP-Based 8-Bit Microcontroller
FM8PE531MB FEELING-FM8PE531MB Datasheet
7Mb / 55P
   OTP-Based 8-Bit Microcontroller
FM8PE531MBD FEELING-FM8PE531MBD Datasheet
7Mb / 55P
   OTP-Based 8-Bit Microcontroller
More results

Similar Description - FM8PE53B

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FM8PB53B FEELING-FM8PB53B Datasheet
2Mb / 55P
   OTP-Based 8-Bit Microcontroller
FM8PB56B FEELING-FM8PB56B Datasheet
2Mb / 53P
   OTP-Based 8-Bit Microcontroller
FM8PE53M FEELING-FM8PE53M Datasheet
2Mb / 52P
   OTP-Based 8-Bit Microcontroller
FM8PE51M FEELING-FM8PE51M Datasheet
2Mb / 72P
   OTP-Based 8-Bit Microcontroller
FM8PE59M FEELING-FM8PE59M Datasheet
3Mb / 72P
   OTP-Based 8-Bit Microcontroller
FM8PE56M FEELING-FM8PE56M Datasheet
2Mb / 53P
   OTP-Based 8-Bit Microcontroller
FM8PE59B FEELING-FM8PE59B Datasheet
3Mb / 72P
   OTP-Based 8-Bit Microcontroller
FM8PE531M FEELING-FM8PE531M Datasheet
7Mb / 55P
   OTP-Based 8-Bit Microcontroller
FM8PE581M FEELING-FM8PE581M Datasheet
3Mb / 87P
   OTP-Based 8-Bit Microcontroller
FM8PA76 FEELING-FM8PA76 Datasheet
3Mb / 78P
   OTP-Based 8-Bit Microcontroller with 12 bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com