Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM8PE53B Datasheet(PDF) 23 Page - Feeling Technology Corp.

Part # FM8PE53B
Description  OTP-Based 8-Bit Microcontroller
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FM8PE53B Datasheet(HTML) 23 Page - Feeling Technology Corp.

Back Button FM8PE53B Datasheet HTML 19Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 20Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 21Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 22Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 23Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 24Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 25Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 26Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 27Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
FM8PE53B
Web site: http://www.feeling-tech.com.tw
Rev1.02.011 Aug 21, 2014
P.23/FM8PE53B
FEELING
TECHNOLOGY
Table 2.2: Reset Conditions for All Registers
Register
Address
Power-on Reset
Brown-out Reset
RSTB Reset
WDT Reset
ACC
N/A
xxxx xxxx
uuuu uuuu
OPTION
N/A
-011 1111
-011 1111
IOSTA
N/A
---- 1111
---- 1111
IOSTB
N/A
1111 1111
1111 1111
INDF
00h
xxxx xxxx
uuuu uuuu
TMR0
01h
xxxx xxxx
uuuu uuuu
PCL
02h
1111 1111
1111 1111
STATUS
03h
0001 1xxx
000# #uuu
FSR
04h
11xx xxxx
11uu uuuu
PORTA
05h
xxxx xxxx
uuuu uuuu
PORTB
06h
xxxx xxxx
uuuu uuuu
General Purpose Register
07h
xxxx xxxx
uuuu uuuu
PCON
08h
101- ----
101- ----
WUCON
09h
0000 0000
0000 0000
PCHBUF
0Ah
---- --00
---- --00
PDCON
0Bh
1111 1111
1111 1111
ODCON
0Ch
0000 0000
0000 0000
PHCON
0Dh
1111 1111
1111 1111
INTEN
0Eh
0--- -000
0--- -000
INTFLAG
0Fh
---- -000
---- -000
General Purpose Registers
10 ~ 3Fh
xxxx xxxx
uuuu uuuu
Legend: u = unchanged, x = unknown, - = unimplemented,
# = refer to the following table for possible values.
Table 2.3: RST / TO
̅̅̅̅ / PD
̅̅̅̅ Status after Reset or Wake-up
RST
TO
̅̅̅̅
PD
̅̅̅̅
RESET was caused by
0
1
1
Power-on Reset
0
1
1
Brown-out reset
0
u
u
RSTB Reset during normal operation
0
1
0
RSTB Reset during SLEEP
0
0
1
WDT Reset during normal operation
0
0
0
WDT Wake-up during SLEEP
1
1
0
Wake-up on pin change during SLEEP
Legend: u = unchanged
Table 2.4: Events AffectingTO
̅̅̅̅ / PD
̅̅̅̅Status Bits
Event
TO
̅̅̅̅
PD
̅̅̅̅
Power-on
1
1
WDT Time-Out
0
u
SLEEP instruction
1
0
CLRWDT instruction
1
1
Legend: u = unchanged


Similar Part No. - FM8PE53B

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FM8PE531M FEELING-FM8PE531M Datasheet
7Mb / 55P
   OTP-Based 8-Bit Microcontroller
FM8PE531MA FEELING-FM8PE531MA Datasheet
7Mb / 55P
   OTP-Based 8-Bit Microcontroller
FM8PE531MAP FEELING-FM8PE531MAP Datasheet
7Mb / 55P
   OTP-Based 8-Bit Microcontroller
FM8PE531MB FEELING-FM8PE531MB Datasheet
7Mb / 55P
   OTP-Based 8-Bit Microcontroller
FM8PE531MBD FEELING-FM8PE531MBD Datasheet
7Mb / 55P
   OTP-Based 8-Bit Microcontroller
More results

Similar Description - FM8PE53B

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FM8PB53B FEELING-FM8PB53B Datasheet
2Mb / 55P
   OTP-Based 8-Bit Microcontroller
FM8PB56B FEELING-FM8PB56B Datasheet
2Mb / 53P
   OTP-Based 8-Bit Microcontroller
FM8PE53M FEELING-FM8PE53M Datasheet
2Mb / 52P
   OTP-Based 8-Bit Microcontroller
FM8PE51M FEELING-FM8PE51M Datasheet
2Mb / 72P
   OTP-Based 8-Bit Microcontroller
FM8PE59M FEELING-FM8PE59M Datasheet
3Mb / 72P
   OTP-Based 8-Bit Microcontroller
FM8PE56M FEELING-FM8PE56M Datasheet
2Mb / 53P
   OTP-Based 8-Bit Microcontroller
FM8PE59B FEELING-FM8PE59B Datasheet
3Mb / 72P
   OTP-Based 8-Bit Microcontroller
FM8PE531M FEELING-FM8PE531M Datasheet
7Mb / 55P
   OTP-Based 8-Bit Microcontroller
FM8PE581M FEELING-FM8PE581M Datasheet
3Mb / 87P
   OTP-Based 8-Bit Microcontroller
FM8PA76 FEELING-FM8PA76 Datasheet
3Mb / 78P
   OTP-Based 8-Bit Microcontroller with 12 bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com