Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM8PE53B Datasheet(PDF) 2 Page - Feeling Technology Corp.

Part # FM8PE53B
Description  OTP-Based 8-Bit Microcontroller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FM8PE53B Datasheet(HTML) 2 Page - Feeling Technology Corp.

  FM8PE53B Datasheet HTML 1Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 2Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 3Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 4Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 5Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 6Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 7Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 8Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
FM8PE53B
Web site: http://www.feeling-tech.com.tw
Rev1.02.011 Aug 21, 2014
P.2/FM8PE53B
FEELING
TECHNOLOGY
GENERAL DESCRIPTION
The FM8PE53B is a low-cost, high speed, high noise immunity, OTP-based 8-bit CMOS microcontrollers. It
employs a RISC architecture with only 42 instructions. All instructions are single cycle except for program
branches which take two cycles. The easy to use and easy to remember instruction set reduces development
time significantly.
The FM8PE53B consists of Power-on Reset (POR), Brown-out Reset (BOR), Power-up Reset Timer (PWRT),
Oscillator Start-up Timer(OST), Watchdog Timer, OTP, SRAM, tri-state I/O port, I/O pull-high/open-drain/pull-down
control, Power saving SLEEP mode, real time programmable clock/counter, Interrupt, Wake-up from SLEEP
mode, and Code Protection for OTP products. There are three oscillator configurations to choose from, including
the power-saving LF (Low Frequency) oscillator and cost saving RC oscillator.
The FM8PE53B address 1K×13 of program memory.
The FM8PE53B can directly or indirectly address its register files and data memory. All special function registers
including the program counter are mapped in the data memory.
BLOCK DIAGRAM
PORTB
PORTA
SRAM
FSR
Instruction
Decoder
Accumulator
8-bit Timer0
OTP-ROM
Program
Counter
Interrupt
Control
ALU
Watchdog
Timer
Oscillator
Circuit
5-level
STACK
DATA BUS
Control
Interrupt


Similar Part No. - FM8PE53B

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FM8PE531M FEELING-FM8PE531M Datasheet
7Mb / 55P
OTP-Based 8-Bit Microcontroller
FM8PE531MA FEELING-FM8PE531MA Datasheet
7Mb / 55P
OTP-Based 8-Bit Microcontroller
FM8PE531MAP FEELING-FM8PE531MAP Datasheet
7Mb / 55P
OTP-Based 8-Bit Microcontroller
FM8PE531MB FEELING-FM8PE531MB Datasheet
7Mb / 55P
OTP-Based 8-Bit Microcontroller
FM8PE531MBD FEELING-FM8PE531MBD Datasheet
7Mb / 55P
OTP-Based 8-Bit Microcontroller
More results

Similar Description - FM8PE53B

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FM8PA76 FEELING-FM8PA76 Datasheet
3Mb / 78P
OTP-Based 8-Bit Microcontroller with 12 bit ADC
FM8PB53B FEELING-FM8PB53B Datasheet
2Mb / 55P
OTP-Based 8-Bit Microcontroller
FM8PB56B FEELING-FM8PB56B Datasheet
2Mb / 53P
OTP-Based 8-Bit Microcontroller
FM8PE51M FEELING-FM8PE51M Datasheet
2Mb / 72P
OTP-Based 8-Bit Microcontroller
FM8PE53M FEELING-FM8PE53M Datasheet
2Mb / 52P
OTP-Based 8-Bit Microcontroller
FM8PE56M FEELING-FM8PE56M Datasheet
2Mb / 53P
OTP-Based 8-Bit Microcontroller
FM8PE59B FEELING-FM8PE59B Datasheet
3Mb / 72P
OTP-Based 8-Bit Microcontroller
FM8PE59M FEELING-FM8PE59M Datasheet
3Mb / 72P
OTP-Based 8-Bit Microcontroller
FM8PE531M FEELING-FM8PE531M Datasheet
7Mb / 55P
OTP-Based 8-Bit Microcontroller
FM8PE581M FEELING-FM8PE581M Datasheet
3Mb / 87P
OTP-Based 8-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com