Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM8PE53B Datasheet(PDF) 10 Page - Feeling Technology Corp.

Part # FM8PE53B
Description  OTP-Based 8-Bit Microcontroller
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FM8PE53B Datasheet(HTML) 10 Page - Feeling Technology Corp.

Back Button FM8PE53B Datasheet HTML 6Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 7Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 8Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 9Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 10Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 11Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 12Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 13Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 14Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
FM8PE53B
Web site: http://www.feeling-tech.com.tw
Rev1.02.011 Aug 21, 2014
P.10/FM8PE53B
FEELING
TECHNOLOGY
2.1.5
FSR (Indirect Data Memory Address Pointer)
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
04h (r/w)
FSR
*
*
Indirect data memory address pointer
Bit5:Bit0 : Select registers address in the indirect addressing mode. See 2.1.1 for detail description.
Bit7:Bit6 : Not used. Read as “1”s.
2.1.6
PORTA, PORTB (Port Data Registers)
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
05h (r/w)
PORTA
IOA3
IOA2
IOA1
IOA0
06h (r/w)
PORTB
IOB7
IOB6
IOB5
IOB4
IOB3
IOB2
IOB1
IOB0
Reading the port (PORTA, PORTB register) reads the status of the pins independent of the pin’s input/output
modes. Writing to these ports will write to the port data latch.
PORTA is a 4-bit port data Register. Only the low order 4 bits are used (PORTA<3:0>). Bits 7-4 are general
purpose read/write bits.
IOA3:IOA0 : PORTA I/O pin.
= 1, Port pin is high level.
= 0, Port pin is low level.
IOB7:IOB0 : PORTB I/O pin.
= 1, Port pin is high level.
= 0, Port pin is low level.
Note: IOB3 is open-drain output only if IOSTB3 = 0. See 2.1.17 for detail description.
2.1.7
PCON (Power Control Register)
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
08h (r/w)
PCON
WDTE
EIS
LVDTE
*
*
*
*
*
Bit4:Bit0 : Not used. Read as “1”s.
LVDTE : LVDT (low voltage detector) enable bit.
= 1, Enable LVDT.
= 0, Disable LVDT.
EIS : Define the function of IOB0/INT pin.
= 1, INT (external interrupt pin) is selected. In this case, the I/O control bit of IOB0 must be set to “1”. The
path of Port B input change of IOB0 pin is masked by hardware, the status of INT pin can also be read
by way of reading PORTB.
= 0, IOB0 (bi-directional I/O pin) is selected. The path of INT is masked.
WDTE : WDT (watch-dog timer) enable bit.
= 1, Enable WDT.
= 0, Disable WDT.


Similar Part No. - FM8PE53B

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FM8PE531M FEELING-FM8PE531M Datasheet
7Mb / 55P
   OTP-Based 8-Bit Microcontroller
FM8PE531MA FEELING-FM8PE531MA Datasheet
7Mb / 55P
   OTP-Based 8-Bit Microcontroller
FM8PE531MAP FEELING-FM8PE531MAP Datasheet
7Mb / 55P
   OTP-Based 8-Bit Microcontroller
FM8PE531MB FEELING-FM8PE531MB Datasheet
7Mb / 55P
   OTP-Based 8-Bit Microcontroller
FM8PE531MBD FEELING-FM8PE531MBD Datasheet
7Mb / 55P
   OTP-Based 8-Bit Microcontroller
More results

Similar Description - FM8PE53B

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FM8PB53B FEELING-FM8PB53B Datasheet
2Mb / 55P
   OTP-Based 8-Bit Microcontroller
FM8PB56B FEELING-FM8PB56B Datasheet
2Mb / 53P
   OTP-Based 8-Bit Microcontroller
FM8PE53M FEELING-FM8PE53M Datasheet
2Mb / 52P
   OTP-Based 8-Bit Microcontroller
FM8PE51M FEELING-FM8PE51M Datasheet
2Mb / 72P
   OTP-Based 8-Bit Microcontroller
FM8PE59M FEELING-FM8PE59M Datasheet
3Mb / 72P
   OTP-Based 8-Bit Microcontroller
FM8PE56M FEELING-FM8PE56M Datasheet
2Mb / 53P
   OTP-Based 8-Bit Microcontroller
FM8PE59B FEELING-FM8PE59B Datasheet
3Mb / 72P
   OTP-Based 8-Bit Microcontroller
FM8PE531M FEELING-FM8PE531M Datasheet
7Mb / 55P
   OTP-Based 8-Bit Microcontroller
FM8PE581M FEELING-FM8PE581M Datasheet
3Mb / 87P
   OTP-Based 8-Bit Microcontroller
FM8PA76 FEELING-FM8PA76 Datasheet
3Mb / 78P
   OTP-Based 8-Bit Microcontroller with 12 bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com