Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM8PE53B Datasheet(PDF) 49 Page - Feeling Technology Corp.

Part # FM8PE53B
Description  OTP-Based 8-Bit Microcontroller
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FM8PE53B Datasheet(HTML) 49 Page - Feeling Technology Corp.

Back Button FM8PE53B Datasheet HTML 45Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 46Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 47Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 48Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 49Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 50Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 51Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 52Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 53Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
FM8PE53B
Web site: http://www.feeling-tech.com.tw
Rev1.02.011 Aug 21, 2014
P.49/FM8PE53B
FEELING
TECHNOLOGY
6.2.19
LVDT 1.8V vs. Temperature
Note: Curves are for design reference only.
6.2.20
LVDT 2.2V vs. Temperature
Note: Curves are for design reference only.
6.2.21
LVDT 2.4V vs. Temperature
Note: Curves are for design reference only.
0.00
0.50
1.00
1.50
2.00
2.50
-40 -30 -20 -10
0
10
20
25
30
40
50
60
70
80
90 100 110 120 125
Temperature
Avg-1.8V
0.00
0.50
1.00
1.50
2.00
2.50
3.00
-40 -30 -20 -10
0
10
20
25
30
40
50
60
70
80
90 100 110 120 125
Temperature
Avg-2.2V
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
-40 -30 -20 -10
0
10
20
25
30
40
50
60
70
80
90 100 110 120 125
Temperature
Avg-2.4V


Similar Part No. - FM8PE53B

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FM8PE531M FEELING-FM8PE531M Datasheet
7Mb / 55P
OTP-Based 8-Bit Microcontroller
FM8PE531MA FEELING-FM8PE531MA Datasheet
7Mb / 55P
OTP-Based 8-Bit Microcontroller
FM8PE531MAP FEELING-FM8PE531MAP Datasheet
7Mb / 55P
OTP-Based 8-Bit Microcontroller
FM8PE531MB FEELING-FM8PE531MB Datasheet
7Mb / 55P
OTP-Based 8-Bit Microcontroller
FM8PE531MBD FEELING-FM8PE531MBD Datasheet
7Mb / 55P
OTP-Based 8-Bit Microcontroller
More results

Similar Description - FM8PE53B

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FM8PA76 FEELING-FM8PA76 Datasheet
3Mb / 78P
OTP-Based 8-Bit Microcontroller with 12 bit ADC
FM8PB53B FEELING-FM8PB53B Datasheet
2Mb / 55P
OTP-Based 8-Bit Microcontroller
FM8PB56B FEELING-FM8PB56B Datasheet
2Mb / 53P
OTP-Based 8-Bit Microcontroller
FM8PE51M FEELING-FM8PE51M Datasheet
2Mb / 72P
OTP-Based 8-Bit Microcontroller
FM8PE53M FEELING-FM8PE53M Datasheet
2Mb / 52P
OTP-Based 8-Bit Microcontroller
FM8PE56M FEELING-FM8PE56M Datasheet
2Mb / 53P
OTP-Based 8-Bit Microcontroller
FM8PE59B FEELING-FM8PE59B Datasheet
3Mb / 72P
OTP-Based 8-Bit Microcontroller
FM8PE59M FEELING-FM8PE59M Datasheet
3Mb / 72P
OTP-Based 8-Bit Microcontroller
FM8PE531M FEELING-FM8PE531M Datasheet
7Mb / 55P
OTP-Based 8-Bit Microcontroller
FM8PE581M FEELING-FM8PE581M Datasheet
3Mb / 87P
OTP-Based 8-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com