Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM8PE53B Datasheet(PDF) 33 Page - Feeling Technology Corp.

Part # FM8PE53B
Description  OTP-Based 8-Bit Microcontroller
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FM8PE53B Datasheet(HTML) 33 Page - Feeling Technology Corp.

Back Button FM8PE53B Datasheet HTML 29Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 30Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 31Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 32Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 33Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 34Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 35Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 36Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 37Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 53 page
background image
FM8PE53B
Web site: http://www.feeling-tech.com.tw
Rev1.02.011 Aug 21, 2014
P.33/FM8PE53B
FEELING
TECHNOLOGY
CLRA
Clear ACC
Syntax:
CLRA
Operands:
None
Operation:
00h  ACC;
1  Z
Status Affected:
Z
Description:
The ACC register is cleared. Zero bit (Z) is set.
Cycles:
1
CLRR
Clear R
Syntax:
CLRR R
Operands:
0
R 0x3F
Operation:
00h  R;
1  Z
Status Affected:
Z
Description:
The contents of register ‘R’ are cleared and the Z bit is set.
Cycles:
1
CLRWDT
Clear Watchdog Timer
Syntax:
CLRWDT
Operands:
None
Operation:
00h  WDT;
00h  WDT prescaler (if assigned);
1  TO
̅̅̅̅;
1  PD
̅̅̅̅
Status Affected:
TO
̅̅̅̅, PD
̅̅̅̅
Description:
The CLRWDT instruction resets the WDT. It also resets the prescaler, if the prescaler is
assigned to the WDT and not Timer0. Status bits TO
̅̅̅̅ and PD
̅̅̅̅ are set.
Cycles:
1
COMR
Complement R
Syntax:
COMR R, d
Operands:
0
R 0x3F
d
[0,1]
Operation:
R
̅  dest
Status Affected:
Z
Description:
The contents of register ‘R’ are complemented. If ‘d’ is 0 the result is stored in the ACC
register. If ‘d’ is 1 the result is stored back in register ‘R’.
Cycles:
1
DAA
Adjust ACC’s data format from HEX to DEC
Syntax:
DAA
Operands:
None
Operation:
ACC(hex)  ACC(dec)
Status Affected:
C
Description:
Convert the ACC data from hexadecimal to decimal format after any addition operation and
restored to ACC.
Cycles:
1


Similar Part No. - FM8PE53B

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FM8PE531M FEELING-FM8PE531M Datasheet
7Mb / 55P
   OTP-Based 8-Bit Microcontroller
FM8PE531MA FEELING-FM8PE531MA Datasheet
7Mb / 55P
   OTP-Based 8-Bit Microcontroller
FM8PE531MAP FEELING-FM8PE531MAP Datasheet
7Mb / 55P
   OTP-Based 8-Bit Microcontroller
FM8PE531MB FEELING-FM8PE531MB Datasheet
7Mb / 55P
   OTP-Based 8-Bit Microcontroller
FM8PE531MBD FEELING-FM8PE531MBD Datasheet
7Mb / 55P
   OTP-Based 8-Bit Microcontroller
More results

Similar Description - FM8PE53B

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FM8PB53B FEELING-FM8PB53B Datasheet
2Mb / 55P
   OTP-Based 8-Bit Microcontroller
FM8PB56B FEELING-FM8PB56B Datasheet
2Mb / 53P
   OTP-Based 8-Bit Microcontroller
FM8PE53M FEELING-FM8PE53M Datasheet
2Mb / 52P
   OTP-Based 8-Bit Microcontroller
FM8PE51M FEELING-FM8PE51M Datasheet
2Mb / 72P
   OTP-Based 8-Bit Microcontroller
FM8PE59M FEELING-FM8PE59M Datasheet
3Mb / 72P
   OTP-Based 8-Bit Microcontroller
FM8PE56M FEELING-FM8PE56M Datasheet
2Mb / 53P
   OTP-Based 8-Bit Microcontroller
FM8PE59B FEELING-FM8PE59B Datasheet
3Mb / 72P
   OTP-Based 8-Bit Microcontroller
FM8PE531M FEELING-FM8PE531M Datasheet
7Mb / 55P
   OTP-Based 8-Bit Microcontroller
FM8PE581M FEELING-FM8PE581M Datasheet
3Mb / 87P
   OTP-Based 8-Bit Microcontroller
FM8PA76 FEELING-FM8PA76 Datasheet
3Mb / 78P
   OTP-Based 8-Bit Microcontroller with 12 bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com