Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM8PE53B Datasheet(PDF) 30 Page - Feeling Technology Corp.

Part # FM8PE53B
Description  OTP-Based 8-Bit Microcontroller
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FM8PE53B Datasheet(HTML) 30 Page - Feeling Technology Corp.

Back Button FM8PE53B Datasheet HTML 26Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 27Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 28Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 29Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 30Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 31Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 32Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 33Page - Feeling Technology Corp. FM8PE53B Datasheet HTML 34Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 53 page
background image
FM8PE53B
Web site: http://www.feeling-tech.com.tw
Rev1.02.011 Aug 21, 2014
P.30/FM8PE53B
FEELING
TECHNOLOGY
Mnemonic,
Operands
Description
Operation
Cycles
Status
Affected
MOVIA
I
Move Immediate to ACC
I  ACC
1
-
ADDIA
I
Add ACC and Immediate
I + ACC  ACC
1
C, DC, Z
SUBIA
I
Subtract ACC from Immediate
I - ACC  ACC
1
C, DC, Z
ANDIA
I
AND Immediate with ACC
ACC and I  ACC
1
Z
IORIA
I
OR Immediate with ACC
ACC or I  ACC
1
Z
XORIA
I
Exclusive OR Immediate to ACC
ACC xor I  ACC
1
Z
RETIA
I
Return, place Immediate in ACC
I  ACC,
Top of Stack  PC
2
-
CALL
I
Call subroutine
PC + 1  Top of Stack,
I  PC
2
-
GOTO
I
Unconditional branch
I  PC
2
-
Note:
1. 2 cycles for skip, else 1 cycle.
2.
bit :
R :
I :
ACC :
d :
dest :
PC :
PCH :
WDT :
GIE :
Bit address within an 8-bit register R
Register address (00h to 3Fh)
Immediate data
Accumulator
Destination select;
=0 (store result in ACC)
=1 (store result in file register R)
Destination
Program Counter
High Byte register of Program Counter
Watchdog Timer Counter
Global interrupt enable bit
TO
̅̅̅̅ :Time-out bit
PD
̅̅̅̅ :Power-down bit
C :Carry bit
DC :Digital carry bit
Z :Zero bit


Similar Part No. - FM8PE53B

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FM8PE531M FEELING-FM8PE531M Datasheet
7Mb / 55P
   OTP-Based 8-Bit Microcontroller
FM8PE531MA FEELING-FM8PE531MA Datasheet
7Mb / 55P
   OTP-Based 8-Bit Microcontroller
FM8PE531MAP FEELING-FM8PE531MAP Datasheet
7Mb / 55P
   OTP-Based 8-Bit Microcontroller
FM8PE531MB FEELING-FM8PE531MB Datasheet
7Mb / 55P
   OTP-Based 8-Bit Microcontroller
FM8PE531MBD FEELING-FM8PE531MBD Datasheet
7Mb / 55P
   OTP-Based 8-Bit Microcontroller
More results

Similar Description - FM8PE53B

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FM8PB53B FEELING-FM8PB53B Datasheet
2Mb / 55P
   OTP-Based 8-Bit Microcontroller
FM8PB56B FEELING-FM8PB56B Datasheet
2Mb / 53P
   OTP-Based 8-Bit Microcontroller
FM8PE53M FEELING-FM8PE53M Datasheet
2Mb / 52P
   OTP-Based 8-Bit Microcontroller
FM8PE51M FEELING-FM8PE51M Datasheet
2Mb / 72P
   OTP-Based 8-Bit Microcontroller
FM8PE59M FEELING-FM8PE59M Datasheet
3Mb / 72P
   OTP-Based 8-Bit Microcontroller
FM8PE56M FEELING-FM8PE56M Datasheet
2Mb / 53P
   OTP-Based 8-Bit Microcontroller
FM8PE59B FEELING-FM8PE59B Datasheet
3Mb / 72P
   OTP-Based 8-Bit Microcontroller
FM8PE531M FEELING-FM8PE531M Datasheet
7Mb / 55P
   OTP-Based 8-Bit Microcontroller
FM8PE581M FEELING-FM8PE581M Datasheet
3Mb / 87P
   OTP-Based 8-Bit Microcontroller
FM8PA76 FEELING-FM8PA76 Datasheet
3Mb / 78P
   OTP-Based 8-Bit Microcontroller with 12 bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com